전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA110C 데이터시트(PDF) 5 Page - DAESAN ELECTRONIC CORP.

부품명 SA110C
상세설명  POWER 500Watts VOLTAGE 5.0 to 170 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SA110C 데이터시트(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  SA110C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA110C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA110C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA110C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA110C Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA110C Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
0.5
1
10
50
0.1
1.0
10
100
0.5
1
10
50
0.1
1.0
10
100
0.5
1
10
50
0.1
1.0
10
100
0.5
1
10
50
0.1
1.0
10
100
F ig. 7Ð Incremental C lamping Voltage
C urve Unidirectional
F ig. 8Ð Incremental C lamping Voltage
C urve Unidirectional
F ig. 9Ð Incremental C lamping Voltage
C urve B idirectional
F ig. 10Ð Incremental C lamping Voltage
C urve B idirectional
Waveform:
8 x 20 Impulse
V C = V C - V (BR )
Waveform:
8 x 20 Impulse
V C = V C - V (BR )
Waveform:
10 x 1000 Impulse
V C = V C - V (BR )
Waveform:
10 x 1000 Impulse
V C = V C - V (BR )
IPP, Peak P ulse C urrent (A)
IPP, Peak P ulse C urrent (A)
IPP, Peak P ulse C urrent (A)
IPP, Peak P ulse C urrent (A)
S A170
S A110
S A170
S A110
S A70
S A40
S A24
S A15
S A70
S A54
S A40
S A30
S A24
S A18
S A15
S A12
S A5.0
S A5.0
S A9.0
S A170
S A110
S A70
S A30
S A40
S A60
S A24
S A15
S A9.0
S A6.5
S A170
S A110
S A70
S A40
S A24
S A15
S A9.0
S A6.5
S A9.0


유사한 부품 번호 - SA110C

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA110C PANJIT-SA110C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
UN Semiconducctor INC
SA110C UNSEMI-SA110C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA110C WTE-SA110C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SA110C MCC-SA110C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Won-Top Electronics
SA110C WTE-SA110C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SA110C

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com