์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SC56-11EWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Kingbright Corporation

๋ถ€ํ’ˆ๋ช… SC56-11EWA
์ƒ์„ธ๋‚ด์šฉ  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  KINGBRIGHT [Kingbright Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.us.kingbright.com
Logo 

SC56-11EWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 4 / 4 page
background image
SPEC NO: DSAA5198
REV NO: V.13
DATE: MAY/29/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301001057
PACKING & LABEL SPECIFICATIONS
SC56-11EWA


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
SA56-11SRWA14.2mm 0.56INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC56-11EWA14.2mm 0.56INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 Kingbright Corporation
XDUR14A14.2mm 0.56" SINGLE DIGIT NUMERIC DISPLAY 1 2 3 SunLED Corporation
SA23-12EWA56.9mm 2.3 INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC52-11SRWA_113.2mm 0.52INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SA43-11EWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-12SRWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SA43-11SRWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SA03-12HDB7mm 0.3INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 Kingbright Corporation
SC10-11GWA26mm 1.02 INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 5 Kingbright Corporation

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn