전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDEP104NP-1R8M 데이터시트(PDF) 3 Page - Sumida Corporation

부품명 CDEP104NP-1R8M
상세설명  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP104NP-1R8M 데이터시트(HTML) 3 Page - Sumida Corporation

  CDEP104NP-1R8M Datasheet HTML 1Page - Sumida Corporation CDEP104NP-1R8M Datasheet HTML 2Page - Sumida Corporation CDEP104NP-1R8M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type: CDEP104, CDEP104B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
POWER INDUCTORS <SMD Type: CDEP Series>
Specification(CDEP104B)
Part Name : CDEP1Ø4BNP- ØR4M
Between(1-2)
Measuring conditions
Inductance
400nH±20%
Within
100kHz
D.C.R.
MAX
.2.9mΩ(TYP.2.4mΩ)
at 20℃
MAX
.28.0A
at 20℃
Saturation Current ※1
MAX
.24.0A
at 100℃
Temperature rise current
2
REF
.16.0A
Description of part name
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
D E P 1 Ø 4 B N P - ØR 4 M □
Box
Carrier Tape


유사한 부품 번호 - CDEP104NP-1R8M

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDEP104NP-1R8MC-50 SUMIDA-CDEP104NP-1R8MC-50 Datasheet
178Kb / 4P
   SMD Power Inductor
More results

유사한 설명 - CDEP104NP-1R8M

제조업체부품명데이터시트상세설명
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com