전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDR156NP-2R5MB 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 CDR156NP-2R5MB
상세설명  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR156NP-2R5MB 데이터시트(HTML) 2 Page - Sumida Corporation

  CDR156NP-2R5MB Datasheet HTML 1Page - Sumida Corporation CDR156NP-2R5MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR156
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
Within]
100kHz
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current
A)※1
Temperature
rise current
(A)※2
CDR156NP-1RØM□
1R0M
1.0μH±20%
5.3(4.2)
28.0
10.0
CDR156NP-2R5M□
2R5M
2.5μH±20%
8.1(6.5)
18.4
9.0
CDR156NP-3R3M□
3R3M
3.3μH±20%
9.8(7.8)
16.4
7.5
CDR156NP-5R6M□
5R6M
5.6μH±20%
13.5(10.8)
12.8
7.0
CDR156NP-6R8M□
6R8M
6.8μH±20%
17.5(14.0)
11.2
6.0
CDR156NP-1ØØL□
100L
10μH±15%
25.0(20.0)
9.6
5.5
CDR156NP-15ØL□
150L
15μH±15%
34.5(27.6)
7.6
4.3
CDR156NP-22ØL□
220L
22μH±15%
43.5(34.8)
6.4
4.0
CDR156NP-33ØL□
330L
33μH±15%
68.0(54.4)
5.2
3.0
CDR156NP-47ØL□
470L
47μH±15%
97.8(78.2)
4.2
2.5
CDR156NP-68ØL□
680L
68μH±15%
144.6(115.7)
3.6
2.0
CDR156NP-1Ø1L□
101L
100μH±15%
220.0(176.0)
2.9
1.6
CDR156NP-151L□
151L
150μH±15%
315.2(252.2)
2.5
1.3
CDR156NP-221L□
221L
220μH±15%
466.3(373.0)
2.0
1.1
CDR156NP-331L□
331L
330μH±15%
646.0(516.8)
1.6
0.9
CDR156NP-471L□
471L
470μH±15%
933.3(746.6)
1.4
0.75
CDR156NP-681L□
681L
680μH±15%
1670(1340)
1.1
0.55
CDR156NP-1Ø2L□
102L
1.0mH±15%
2100(1750)
0.9
0.48
Description of part name
CDR156NP-1RØM□
1.Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
(Ta=20℃)
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


유사한 부품 번호 - CDR156NP-2R5MB

제조업체부품명데이터시트상세설명
logo
Huber+Suhner, Inc.
CDR15U47PFLRSTABK HUBERSUHNER-CDR15U47PFLRSTABK Datasheet
3Mb / 2P
   CDR 1500, 47U, pe*. flat side doors l/r,middle door solid
CDR15U47SDLRSTABK HUBERSUHNER-CDR15U47SDLRSTABK Datasheet
3Mb / 2P
   CDR 1500, 47U,all solid flat doors, black
More results

유사한 설명 - CDR156NP-2R5MB

제조업체부품명데이터시트상세설명
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com