전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN50FC3MPX 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN50FC3MPX
상세설명  8-Bit Programmable, 2- to 3-Phase FastvCore??Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN50FC3MPX 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN50FC3MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 13Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN50FC3 Rev. 1.0.0
10 of 21
Table 1.
Output Voltage Programming Codes (extended VR10); 0 = logic LOW; 1 = logic HIGH.
VID4
VID3
VID2
VID1
VID0
VID5
VID6
VOUT (V)
1
1
1
1
1
1
0
OFF
1
1
1
1
1
1
1
OFF
1
1
1
1
1
0
0
OFF
1
1
1
1
1
0
1
OFF
1
1
1
1
0
1
0
1.09375
1
1
1
1
0
1
1
1.10000
1
1
1
1
0
0
0
1.10625
1
1
1
1
0
0
1
1.11250
1
1
1
0
1
1
0
1.11875
1
1
1
0
1
1
1
1.12500
1
1
1
0
1
0
0
1.13125
1
1
1
0
1
0
1
1.13750
1
1
1
0
0
1
0
1.14375
1
1
1
0
0
1
1
1.15000
1
1
1
0
0
0
0
1.15625
1
1
1
0
0
0
1
1.16250
1
1
0
1
1
1
0
1.16875
1
1
0
1
1
1
1
1.17500
1
1
0
1
1
0
0
1.18125
1
1
0
1
1
0
1
1.18750
1
1
0
1
0
1
0
1.19375
1
1
0
1
0
1
1
1.20000
1
1
0
1
0
0
0
1.20625
1
1
0
1
0
0
1
1.21250
1
1
0
0
1
1
0
1.21875
1
1
0
0
1
1
1
1.22500
1
1
0
0
1
0
0
1.23125
1
1
0
0
1
0
1
1.23750
1
1
0
0
0
1
0
1.24375
1
1
0
0
0
1
1
1.25000
1
1
0
0
0
0
0
1.25625
1
1
0
0
0
0
1
1.26250
1
0
1
1
1
1
0
1.26875
1
0
1
1
1
1
1
1.27500
1
0
1
1
1
0
0
1.28125
1
0
1
1
1
0
1
1.28750
1
0
1
1
0
1
0
1.29375
1
0
1
1
0
1
1
1.30000
1
0
1
1
0
0
0
1.30625
1
0
1
1
0
0
1
1.31250
1
0
1
0
1
1
0
1.31875
1
0
1
0
1
1
1
1.32500
1
0
1
0
1
0
0
1.33125
1
0
1
0
1
0
1
1.33750
1
0
1
0
0
1
0
1.34375
1
0
1
0
0
1
1
1.35000
1
0
1
0
0
0
0
1.35625
1
0
1
0
0
0
1
1.36250
1
0
0
1
1
1
0
1.36875
1
0
0
1
1
1
1
1.37500
1
0
0
1
1
0
0
1.38125
1
0
0
1
1
0
1
1.38750
1
0
0
1
0
1
0
1.39375
1
0
0
1
0
1
1
1.40000
1
0
0
1
0
0
0
1.40625
1
0
0
1
0
0
1
1.41250
1
0
0
0
1
1
0
1.41875
1
0
0
0
1
1
1
1.42500
1
0
0
0
1
0
0
1.43125
1
0
0
0
1
0
1
1.43750
1
0
0
0
0
1
0
1.44375
1
0
0
0
0
1
1
1.45000
1
0
0
0
0
0
0
1.45625
1
0
0
0
0
0
1
1.46250
0
1
1
1
1
1
0
1.46875
0
1
1
1
1
1
1
1.47500


유사한 부품 번호 - FAN50FC3MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009M FAIRCHILD-FAN5009M Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MPX FAIRCHILD-FAN5009MPX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MX FAIRCHILD-FAN5009MX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

유사한 설명 - FAN50FC3MPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com