전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J10182 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 J10182
상세설명  ADSL Transformer< SMD Type: CEP Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

J10182 데이터시트(HTML) 2 Page - Sumida Corporation

  J10182 Datasheet HTML 1Page - Sumida Corporation J10182 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP912
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part No.
Inductance
(nom. µH)
Turns ratio
THD (dB) (TYP.)
Insulation
Application
J10130
400
1.11:1
Basic
ADSL CO
J10163
1500
2:1
-86 (30k,5.3V)
Supplementary
ADSL CO
J10163
1500
2:1
-86 (30k,5.3V)
Supplementary
ADSL CO
J10174
1000
0.9:1
-75 (25k,2.9V)
Basic
ADSL CO
J10182
1075
1.15:1
-85.6 (25k,2V)
Basic
ADSL CO
J10183
1075
1.2:1
-87.4 (25k,2V)
Basic
ADSL CO
J10184
1075
1.25:1
-88.1 (25k,2V)
Basic
ADSL CO
J10187
160
0.92:1
-68 (10k,2V)
Basic
ADSL CO
J10207
480
1.3:1
-89 (25k,4V)
Supplementary
ADSL CO
J14110
450
2:1
-80(25k,2.0V)
Supplementary
VDSL
J14116
470
1.33:1
-80(25K,2.0V)
Supplementary
VDSL
J13101
3200
0.7:1
-78(5kHz 4.0Vrms)
Basic
SHDSL
&
HDSL
J13103
3200
0.472:1
-76(5kHz 4.0Vrms)
Basic
SHDSL
&
HDSL
J13104
3180
0.7:1
-75(5kHz 4.0Vrms)
Basic
SHDSL
&
HDSL
J15126
16400
1:1
Splitter
J15151
16000
1:1
Splitter


유사한 부품 번호 - J10182

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
J10181 SUMIDA-J10181 Datasheet
39Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
More results

유사한 설명 - J10182

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B Datasheet
115Kb / 1P
   ADSL Transformer
CEP1010 SUMIDA-CEP1010 Datasheet
148Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP911 SUMIDA-CEP911 Datasheet
39Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311C SUMIDA-CEP1311C Datasheet
141Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP79 SUMIDA-CEP79 Datasheet
41Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311E SUMIDA-CEP1311E Datasheet
183Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP711 SUMIDA-CEP711 Datasheet
108Kb / 1P
   ADSL Transformer
CEP1311 SUMIDA-CEP1311 Datasheet
152Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP78B SUMIDA-CEP78B Datasheet
47Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com