전자부품 데이터시트 검색엔진 |
|
CD74HCT4046A 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
CD74HCT4046A 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 28 page 8 Offset Voltage VCOIN to VDEM VOFF VI = VVCO IN = Values Taken Over RS Range See Figure 23 3- ±30 - - - - - mV 4.5 - ±20 - - - - - mV 6- ±10 - - - - - mV Dynamic Output Resistance at DEMOUT RD VDEMOUT =3 - 25 - - - - - Ω 4.5 - 25 - - - - - Ω 6 - 25 - - - - - Ω Quiescent Device Current ICC Pins 3, 5 and 14 at VCC Pin 9 at GND, I1 at Pins 3 and 14 to be excluded 6 - - 8 - 80 - 160 µA HCT TYPES VCO SECTION INH High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V INH Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V VCOOUT High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V VCOOUT High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V VCOOUT Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V VCOOUT Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V C1A, C1B Low Level Output Voltage (Test Purposes Only) VOL VIH or VIL 4 4.5 - - 0.40 - 0.47 - 0.54 V INH VCOIN Input Leakage Current II Any Voltage Between VCC and GND 5.5 - ±0.1 - ±1- ±1 µA R1 Range (Note 2) - - - 4.5 3 - 300 - - - - k Ω R2 Range (Note 2) - - - 4.5 3 - 300 - - - - k Ω C1 Capacitance Range - - - 4.5 0 - No Limit -- - - pF VCOIN Operating Voltage Range - Over the range specified for R1 for Linearity See Figure 10, and 34 - 37 (Note 3) 4.5 1.1 - 3.2 - - - - V PHASE COMPARATOR SECTION SIGIN, COMPIN DC Coupled High-Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX VCC 2 VCC 2 CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A |
유사한 부품 번호 - CD74HCT4046A |
|
유사한 설명 - CD74HCT4046A |