전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-5LM 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 P-5LM
상세설명  IFT COILS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LM 데이터시트(HTML) 1 Page - Sumida Corporation

  P-5LM Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: P-5LM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: P-5 Series>
Product Description
・6.1×6.1mm Max.(L×W), 6.2mm Max. Height.
・Inductance:1~680μH.
・Operating frequency:20MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
・Shielded fixed type.
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
Connection (Bottom View)
Specification (Part No. N351L066-2)
“S” is winding start
Item
(4-6)
Measuring
Condition
Inductance
4.7μH±10% Within
7.96MHz
Unloaded Qu
50 Min
7.96MHz
6.2 MAX.
2.6±0.4
2.8±0.2
5.8±0.3
3.5±0.15
6.0
S


유사한 부품 번호 - P-5LM

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG SUMIDA-P-5LG Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/AM SUMIDA-P-5LG/AM Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG/AM SUMIDA-P-5LG/AM Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/FM SUMIDA-P-5LG/FM Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
More results

유사한 설명 - P-5LM

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com