전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ72A 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 BUZ72A
상세설명  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUZ72A 데이터시트(HTML) 5 Page - STMicroelectronics

  BUZ72A Datasheet HTML 1Page - STMicroelectronics BUZ72A Datasheet HTML 2Page - STMicroelectronics BUZ72A Datasheet HTML 3Page - STMicroelectronics BUZ72A Datasheet HTML 4Page - STMicroelectronics BUZ72A Datasheet HTML 5Page - STMicroelectronics BUZ72A Datasheet HTML 6Page - STMicroelectronics BUZ72A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Normalized Gate Threshold Voltage vs
Temperature
Normalized On Resistance vs Temperature
Source-Drain Diode Forward Characteristics
BUZ72A
5/7


유사한 부품 번호 - BUZ72A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ72A SIEMENS-BUZ72A Datasheet
193Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ72A INTERSIL-BUZ72A Datasheet
45Kb / 6P
   9A, 100V, 0.250 Ohm, N-Channel Power MOSFET
June 1999
logo
Infineon Technologies A...
BUZ72A INFINEON-BUZ72A Datasheet
90Kb / 8P
   SIPMOS Power Transistor
05.99
logo
New Jersey Semi-Conduct...
BUZ72A NJSEMI-BUZ72A Datasheet
98Kb / 4P
   Enhancement mode
logo
Siemens Semiconductor G...
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results

유사한 설명 - BUZ72A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
   N-channel enhancement mode power mos transistors
June 1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
SGSP491 STMICROELECTRONICS-SGSP491 Datasheet
171Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com