전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT174E 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT174E
상세설명  High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT174E 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CD74HCT174E Datasheet HTML 4Page - Texas Instruments CD74HCT174E Datasheet HTML 5Page - Texas Instruments CD74HCT174E Datasheet HTML 6Page - Texas Instruments CD74HCT174E Datasheet HTML 7Page - Texas Instruments CD74HCT174E Datasheet HTML 8Page - Texas Instruments CD74HCT174E Datasheet HTML 9Page - Texas Instruments CD74HCT174E Datasheet HTML 10Page - Texas Instruments CD74HCT174E Datasheet HTML 11Page - Texas Instruments CD74HCT174E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


유사한 부품 번호 - CD74HCT174E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT174E TI-CD74HCT174E Datasheet
53Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HCT174E TI-CD74HCT174E Datasheet
277Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HCT174EE4 TI-CD74HCT174EE4 Datasheet
277Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
More results

유사한 설명 - CD74HCT174E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC174 TI-CD74HC174 Datasheet
53Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174 Datasheet
277Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com