전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP21N60LPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFP21N60LPBF
상세설명  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP21N60LPBF 데이터시트(HTML) 7 Page - International Rectifier

  IRFP21N60LPBF Datasheet HTML 1Page - International Rectifier IRFP21N60LPBF Datasheet HTML 2Page - International Rectifier IRFP21N60LPBF Datasheet HTML 3Page - International Rectifier IRFP21N60LPBF Datasheet HTML 4Page - International Rectifier IRFP21N60LPBF Datasheet HTML 5Page - International Rectifier IRFP21N60LPBF Datasheet HTML 6Page - International Rectifier IRFP21N60LPBF Datasheet HTML 7Page - International Rectifier IRFP21N60LPBF Datasheet HTML 8Page - International Rectifier IRFP21N60LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRFP21N60LPbF
www.irf.com
7
Fig 14a. Maximum Avalanche Energy
vs. Drain Current
Fig 14c. Unclamped Inductive Waveforms
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 15a. Gate Charge Test Circuit
Fig 15b. Basic Gate Charge Waveform
Fig 14b. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
QG
QGS
QGD
VG
Charge
VGS V
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
ID
TOP
9.4A
13A
BOTTOM 21A


유사한 부품 번호 - IRFP21N60LPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP21N60LPBF VISHAY-IRFP21N60LPBF Datasheet
162Kb / 8P
   Power MOSFET
S-81273-Rev. B, 16-Jun-08
More results

유사한 설명 - IRFP21N60LPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com