전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP21N60LPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP21N60LPBF
상세설명  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP21N60LPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP21N60LPBF Datasheet HTML 1Page - International Rectifier IRFP21N60LPBF Datasheet HTML 2Page - International Rectifier IRFP21N60LPBF Datasheet HTML 3Page - International Rectifier IRFP21N60LPBF Datasheet HTML 4Page - International Rectifier IRFP21N60LPBF Datasheet HTML 5Page - International Rectifier IRFP21N60LPBF Datasheet HTML 6Page - International Rectifier IRFP21N60LPBF Datasheet HTML 7Page - International Rectifier IRFP21N60LPBF Datasheet HTML 8Page - International Rectifier IRFP21N60LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFP21N60LPbF
PD - 95478
SMPS MOSFET
HEXFET® Power MOSFET
Features and Benefits
• SuperFast body diode eliminates the need for external
diodes in ZVS applications.
• Lower Gate charge results in simpler drive requirements.
• Enhanced dv/dt capabilities offer improved ruggedness.
• Higher Gate voltage threshold offers improved noise immunity
.
TO-247AC
7/16/04
www.irf.com
1
S
D
G
Applications
• Zero Voltage Switching SMPS
• Telecom and Server Power Supplies
• Uninterruptible Power Supplies
• Motor Control applications
• Lead-Free
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V
21
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current
c
84
PD @TC = 25°C Power Dissipation
330
W
Linear Derating Factor
2.6
W/°C
VGS
Gate-to-Source Voltage
±30
V
dv/dt
Peak Diode Recovery dv/dt
d
11
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Mounting torque, 6-32 or M3 screw
1.1(10)
N•m (lbf•in)
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
21
MOSFET symbol
(Body Diode)
A
showing the
ISM
Pulsed Source Current
–––
–––
84
integral reverse
(Body Diode)
Ã
c
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 21A, VGS = 0V
f
trr
Reverse Recovery Time
–––
160
240
ns TJ = 25°C, IF = 21A
–––
400
610
TJ = 125°C, di/dt = 100A/µs
f
Qrr
Reverse Recovery Charge
–––
480
730
nC TJ = 25°C, IS = 21A, VGS = 0V
f
––– 1540 2310
TJ = 125°C, di/dt = 100A/µs
f
IRRM
Reverse Recovery Current
–––
5.3
7.9
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDSS RDS(on) typ. Trr typ. ID
600V
270m
160ns 21A


유사한 부품 번호 - IRFP21N60LPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP21N60LPBF VISHAY-IRFP21N60LPBF Datasheet
162Kb / 8P
   Power MOSFET
S-81273-Rev. B, 16-Jun-08
More results

유사한 설명 - IRFP21N60LPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com