전자부품 데이터시트 검색엔진 |
|
SN74AHCT16244 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AHCT16244 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 13 page SN54AHCT16244, SN74AHCT16244 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCLS334I – MARCH 1996 – REVISED JANUARY 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D EPIC™ (Enhanced-Performance Implanted CMOS) Process D Inputs Are TTL-Voltage Compatible D Distributed VCC and GND Pins Minimize High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015 D Package Options Include Plastic Shrink Small-Outline (DL), Thin Shrink Small-Outline (DGG), and Thin Very Small-Outline (DGV) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings description The ’AHCT16244 devices are 16-bit buffers and line drivers designed specifically to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. These devices can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. They provide true outputs and symmetrical active-low output-enable (OE) inputs. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54AHCT16244 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74AHCT16244 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (each 4-bit buffer/driver) INPUTS OUTPUT OE A Y L H H L LL H X Z Copyright © 2000, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC and Widebus are trademarks of Texas Instruments Incorporated. SN54AHCT16244 . . . WD PACKAGE SN74AHCT16244 . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 1Y1 1Y2 GND 1Y3 1Y4 VCC 2Y1 2Y2 GND 2Y3 2Y4 3Y1 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 4OE 2OE 1A1 1A2 GND 1A3 1A4 VCC 2A1 2A2 GND 2A3 2A4 3A1 3A2 GND 3A3 3A4 VCC 4A1 4A2 GND 4A3 4A4 3OE |
유사한 부품 번호 - SN74AHCT16244 |
|
유사한 설명 - SN74AHCT16244 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |