전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-873328AUP-0ABT2G 데이터시트(HTML) 23 Page - Seiko Instruments Inc

부품명 S-873328AUP-0ABT2G
상세내용  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo 

S-873328AUP-0ABT2G 데이터시트(HTML) 23 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
/ 53 page
 23 / 53 page
background image
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.7.2_00
S-87x Series
Seiko Instruments Inc.
23
13. S-8725xxE Series
Table 18
(Unless otherwise specified: Ta
=25°C, Connect the SENSE pin to the VIN pin.)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Voltage Regulator
Output voltage
VOUT
VIN=4.5 V, IOUT=30 mA,
VSENSE=−VDET (Typ.)+2 V
2.440
2.500
2.560
V
1
I/O voltage difference
Vdif
IOUT=30 mA,
VSENSE=−VDET (Typ.)+2 V
0.65
1.00
Line regulation
ΔV
OUT1
VIN=4.5 to 24 V, IOUT=30 mA,
VSENSE=−VDET (Typ.)+2 V
15
50
mV
Load regulation
ΔV
OUT2
VIN=4.5 V,
IOUT=50 μA to 40 mA,
VSENSE=−VDET (Typ.)+2 V
15
50
Input voltage
VIN
24
V
Temperature
coefficient of VOUT
Ta
Δ
V
Δ OUT
VIN=4.5 V, IOUT=30 mA,
Ta
=−40°C to +85°C,
VSENSE=−VDET (Typ.)+2 V
±0.23
±0.92
mV
/°C
Output voltage during
voltage detection
VOUTOFF
VIN=−VDET (Typ.)−1 V, RL=1 MΩ
0.1
V
6
Voltage Detector
Operating voltage
Vopr
1.3
24
V
S-872548E
±0.5
±2.0
Temperature
characteristic of
−V
DET
Ta
Δ
V
Δ
DET
Ta
=−40°C to
+85°C
S-872530E to
S-872526E
±0.2
±0.8
mV
/°C
2
Detection voltage
S-872548E
4.685
4.800
4.915
S-872530E
2.928
3.000
3.072
−V
DET
S-872526E
2.538
2.600
2.662
V
Sink current
IDOUT
VIN=1.3 V
0.25
0.60
mA
4
VIN=2.4 V
1.50
2.60
Nch,
VDS=0.5 V
VIN=3.6 V
3.00
4.50
Leakage current
ILEAK
Nch, VDS=24 V,
VIN=−VDET (Typ.)+2 V
0.1
μA
SENSE pin input
current
lSENSE
VIN=4.5V,
VSENSE=−VDET (Typ.)
+2 V
S-872548E to
S-872526E
0.5
1.3
7
Hysteresis width
S-872548E to S-872530E
−V
DET
×0.03
−V
DET
×0.08
VHYS
S-872526E
−V
DET
×0.02
−V
DET
×0.05
V
2
Input current
Current consumption
ISS
VIN=−VDET (Typ.)+2 V, Unloaded
4
8
μA
5
lof
VIN=−VDET (Typ.)−1 V, Shutdown
1.5
3.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn