전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-873328AUP-0ABT2G 데이터시트(PDF) 14 Page - Seiko Instruments Inc

부품명 S-873328AUP-0ABT2G
상세설명  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-873328AUP-0ABT2G 데이터시트(HTML) 14 Page - Seiko Instruments Inc

Back Button S-873328AUP-0ABT2G Datasheet HTML 10Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 11Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 12Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 13Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 14Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 15Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 16Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 17Page - Seiko Instruments Inc S-873328AUP-0ABT2G Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87x Series
Rev.7.2_00
Seiko Instruments Inc.
14
5. S-8750xxC Series/S-875037G
Table 10 (1/2)
(Unless otherwise specified: Ta
=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Voltage Regulator
Output voltage
VOUT
VIN=7 V, IOUT=30 mA
4.88
5.00
5.12
V
1
I/O voltage difference
Vdif
IOUT=30 mA
0.15
0.40
Line regulation
ΔV
OUT1
VIN=6 to 24 V,
IOUT=30 mA
15
50
mV
Load regulation
ΔV
OUT2
VIN=7 V,
IOUT=50 μA to 40 mA
15
50
Input voltage
VIN
24
V
Temperature
coefficient of VOUT
Ta
Δ
V
Δ OUT
VIN=7 V, IOUT=30 mA,
Ta
=−40°C to +85°C
±0.38
±1.52
mV
/°C
Shutdown output
voltage
VOUT/OFF
VIN=7 V,
PF
V
=”L”,
RL=1 MΩ
0.1
V
6
Voltage Detector
Operating voltage
Vopr
1.3
24
V
2
Temperature
characteristic of
−V
DET
Ta
Δ
V
Δ
DET
Ta
=−40°C
to
+85°C
S-8750B0C
±0.8
±3.2
mV
/°C
2
S-875077C
±0.6
±2.4
S-875061C to
S-875037C,
S-875037G
±0.5
±2.0
Detection voltage
−V
DET
S-8750B0C
10.736
11.00
11.264
V
S-875077C
7.515
7.70
7.885
S-875061C
5.953
6.10
6.247
S-875045C
4.392
4.50
4.608
S-875043C
4.196
4.30
4.404
S-875041C
4.001
4.10
4.199
S-875039C
3.806
3.90
3.994
S-875037C/S-875037G
3.611
3.70
3.789
Sink current
IDOUT
VIN=1.3 V
0.25
0.60
mA
4
Nch,
VDS=0.5 V
VIN=2.4 V
1.50
2.60
VIN=3.6 V
3.00
4.50
Leakage current
ILEAK
Nch,
VDS=24 V
VIN=10 V
S-875077C to
S-875037C,
S-875037G
0.1
μA
VIN=15 V
S-8750B0C
Hysteresis width
VHYS
S-875045C
−V
DET
×0.01
−V
DET
×0.025
V
2
S-8750B0C to S-875061C,
S-875043C to S-875037C,
S-875037G
−V
DET
×0.03
−V
DET
×0.08


유사한 부품 번호 - S-873328AUP-0ABT2G

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-873328AUP-0ABT2X ABLIC-S-873328AUP-0ABT2X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
More results

유사한 설명 - S-873328AUP-0ABT2G

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com