전자부품 데이터시트 검색엔진 |
|
BZW04-13B 데이터시트(PDF) 3 Page - STMicroelectronics |
|
BZW04-13B 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 6 page BZW04-xx 3/6 Types IRM @VRM VBR @IR VCL @IPP VCL @IPP αTC min max max max typ note2 10/1000 µs 8/20 µs note3 note4 Unidirectional Bidirectional µA V V mA VAVA 10 -4/°C pF BZW04-273 BZW04-273B 1 273 304 1 438 1.2 564 4.0 11.0 85 BZW04-299 BZW04-299B 1 299 332 1 482 0.9 618 3.7 11.0 80 BZW04-342 BZW04-342B 1 342 380 1 548 0.9 706 3.2 11.0 75 BZW04-376 BZW04-376B 1 376 418 1 603 0.8 776 3.0 11.0 70 Note 2 : Pulse test: tp <50ms. Note 3 : ∆VBR = αT * (Tamb - 25) * VBR(25°C) Note 4 : VR = 0 V, F = 1 MHz. For bidirectional types, capacitance value is divided by 2 Fig. 1: Peak pulse power dissipation versus initial junction temperature (printed circuit board). 10 s 1000 s %I PP 50 0 t PULSE WAVEFORM 10/1000 s 100 |
유사한 부품 번호 - BZW04-13B |
|
유사한 설명 - BZW04-13B |