전자부품 데이터시트 검색엔진 |
|
S-1000N33-N4T1G 데이터시트(PDF) 7 Page - Seiko Instruments Inc |
|
S-1000N33-N4T1G 데이터시트(HTML) 7 Page - Seiko Instruments Inc |
7 / 38 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR Rev.2.3_00 S-1000 Series Seiko Instruments Inc. 7 Pin Configurations Table 5 Pin No. Pin name Pin description 1 OUT Voltage detection output pin 2 VDD Voltage input pin 3 NC *1 No connection 4 VSS GND pin 4 3 1 2 SC-82AB Top view *1. The NC pin is electrically open. The NC pin can be connected to VDD or VSS. Figure 4 Table 6 Pin No. Pin name Pin description 1 OUT Voltage detection output pin 2 VDD Voltage input pin 3 VSS GND pin 4 NC *1 No connection 5 NC *1 No connection SOT-23-5 Top view 5 4 3 2 1 *1. The NC pin is electrically open. The NC pin can be connected to VDD or VSS. Figure 5 Table 7 Pin No. Pin name Pin description 1 OUT Voltage detection output pin 2 VSS GND pin 3 NC *1 No connection 4 VDD Voltage input pin SNT-4A Top view 1 4 2 3 *1. The NC pin is electrically open. The NC pin can be connected to VDD or VSS. Figure 6 |
유사한 부품 번호 - S-1000N33-N4T1G |
|
유사한 설명 - S-1000N33-N4T1G |