전자부품 데이터시트 검색엔진 |
|
S-1111B51MC-NZKTFG 데이터시트(PDF) 11 Page - Seiko Instruments Inc |
|
S-1111B51MC-NZKTFG 데이터시트(HTML) 11 Page - Seiko Instruments Inc |
11 / 25 page HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.4.1_00 S-1111/1121 Series Seiko Instruments Inc. 11 Standard Circuit ON/OFF VSS VOUT VIN CIN *1 CL *2 Input Output GND Single GND *1. CIN is a capacitor for stabilizing the input. *2. A tantalum capacitor (2.2 μF or more) can be used. Figure 9 Caution The above connection diagram and constant will not guarantee successful operation. Perform thorough evaluation using the actual application to set the constant. Application Conditions Input capacitor (CIN): 1.0 μF or more Output capacitor (CL): 2.2 μF or more (tantalum capacitor) Caution A general series regulator may oscillate, depending on the external components selected. Check that no oscillation occurs with the application using the above capacitor. |
유사한 부품 번호 - S-1111B51MC-NZKTFG |
|
유사한 설명 - S-1111B51MC-NZKTFG |