전자부품 데이터시트 검색엔진 |
|
S-80138ANMC-JCXT2G 데이터시트(PDF) 10 Page - Seiko Instruments Inc |
|
S-80138ANMC-JCXT2G 데이터시트(HTML) 10 Page - Seiko Instruments Inc |
10 / 33 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING) S-801 Series Rev.3.3_00 10 Seiko Instruments Inc. Pin Configurations Table 3 Pin No. Pin name Pin description 1 DS *1 ON/OFF switch for delay time 2 VSS GND pin 3 NC *2 No connection 4 OUT Voltage detection output pin 5 VDD Voltage input pin SOT-23-5 Top view 5 4 3 2 1 Figure 3 *1. Refer to “2. Delay Circuit” in “ Operation” for operation. *2. The NC pin is electrically open. The NC pin can be connected to VDD or VSS. Table 4 Pin No. Pin name Pin description 1 VSS GND pin 2 DS *1 ON/OFF switch for delay time 3 VDD Voltage input pin 4 OUT Voltage detection output pin SNT-4A Top view 1 4 2 3 Figure 4 *1. Refer to “2. Delay Circuit” in “ Operation” for operation. |
유사한 부품 번호 - S-80138ANMC-JCXT2G |
|
유사한 설명 - S-80138ANMC-JCXT2G |