전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80138BNMC-JGXT2G 데이터시트(PDF) 20 Page - Seiko Instruments Inc

부품명 S-80138BNMC-JGXT2G
상세설명  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80138BNMC-JGXT2G 데이터시트(HTML) 20 Page - Seiko Instruments Inc

Back Button S-80138BNMC-JGXT2G Datasheet HTML 16Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 17Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 18Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 19Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 20Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 21Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 22Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 23Page - Seiko Instruments Inc S-80138BNMC-JGXT2G Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.3.3_00
20
Seiko Instruments Inc.
Typical Characteristics (Typical Data)
1. Detection Voltage (VDET) - Temperature (Ta)
S-80122AL
S-80160AL
2.1
2.2
2.3
2.4
−40 −20
0
20
40
60
80
100
Ta [°C]
VDET (+)
VDET (−)
5.8
6.0
6.2
6.4
−40 −20
0
20
40
60
80
100
Ta [°C)]
VDET (+)
VDET (−)
2. Hysteresis Voltage Width (VHYS) - Temperature (Ta)
S-80122AL
S-80160AL
30
40
50
60
70
80
90
100
−40 −20
0
20
40
60
80
100
Ta [°C]
30
40
50
60
70
80
90
100
−40 −20
0
20
40
60
80
100
Ta [°C]
3. Current Consumption (ISS) - Input Voltage (VDD)
(a) S-80122AL
(b) S-80129AL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
2.9
μA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
3.3
μA
(c) S-80130AL
(d) S-80160AL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
5.0
μA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
20
μA


유사한 부품 번호 - S-80138BNMC-JGXT2G

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-80138BNMC-JGXT2X ABLIC-S-80138BNMC-JGXT2X Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

유사한 설명 - S-80138BNMC-JGXT2G

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com