전자부품 데이터시트 검색엔진 |
|
S-1000N33-M5T1G 데이터시트(PDF) 9 Page - Seiko Instruments Inc |
|
S-1000N33-M5T1G 데이터시트(HTML) 9 Page - Seiko Instruments Inc |
9 / 38 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR Rev.2.3_00 S-1000 Series Seiko Instruments Inc. 9 Electrical Characteristics 1. Nch open-drain output products Table 9 (Ta = 25 °C unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Measure- ment circuit Detection voltage *1 −VDET − −VDET(S) ×0.99 −VDET(S) −VDET(S) ×1.01 V 1 Hysteresis width VHYS − −VDET ×0.03 −VDET ×0.05 −VDET ×0.07 V 1 VDD = −VDET(S) + 1.5 V S-1000N15 to 39 − 350 900 nA 2 Current consumption ISS VDD = 5.5 V S-1000N40 to 46 − 350 900 nA 2 Operating voltage VDD − 0.95 − 5.5 V 1 Output current IOUT Output transistor, Nch, VDS = 0.5 V, VDD = 1.2 V 1.36 2.55 − mA 3 Leakage current ILEAK Output transistor, Nch, VDS = 5.5 V, VDD = 5.5 V − − 100 nA 3 Response time tPLH − − − 60 µs 1 Detection voltage temperature coefficient *2 ∆−VDET ∆Ta•−VDET Ta = −40 to +85 °C − ±100 ±350 ppm / °C 1 *1. −VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value (The center value of the detection voltage range in Table 1.) *2. The temperature change ratio in the detection voltage [mV / °C] is calculated by using the following equation. [] () [] [] 1000 C / ppm V Ta V V Typ. V C / mV Ta V DET DET DET(S) DET ÷ ° − ∆ − ∆ × − = ° ∆ − ∆ • *3 *2 *1 *1. Temperature change ratio of the detection voltage *2. Specified detection voltage *3. Detection voltage temperature coefficient |
유사한 부품 번호 - S-1000N33-M5T1G |
|
유사한 설명 - S-1000N33-M5T1G |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |