전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80144ANMC-JC5T2G 데이터시트(PDF) 18 Page - Seiko Instruments Inc

부품명 S-80144ANMC-JC5T2G
상세설명  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80144ANMC-JC5T2G 데이터시트(HTML) 18 Page - Seiko Instruments Inc

Back Button S-80144ANMC-JC5T2G Datasheet HTML 14Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 15Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 16Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 17Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 18Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 19Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 20Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 21Page - Seiko Instruments Inc S-80144ANMC-JC5T2G Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.3.3_00
18
Seiko Instruments Inc.
2. Hysteresis Width (VHYS)
Hysteresis width is the voltage difference between the detection voltage and the release voltage
(The voltage at point B
−The voltage at point A=V
HYS in Figure 11). The existence of the hysteresis
width prevents malfunction caused by noise on input signal.
3. Delay Time (tD)
Delay time is a time internally measured from the instant at which input voltage to the VDD pin
exceeds the release voltage (
+V
DET) to the point at which the output of the OUT pin inverts.
The
delay time is fixed in each series distinguished by A, B and C.
S-801xxAx series: typ.
50 ms
S-801xxBx series: typ.
100 ms
S-801xxCx series: typ.
200 ms
The output of the OUT pin can be inverted in a short delay time (tD2) by setting the DS pin High (Refer
to Figure 16).
tD2
tD1
VDD
at DS
=”H”
OUT
V
+V
DET
Figure 16
4. Through-type Current
The through-type current refers to the current that flows instantaneously at the time of detection and
release of a voltage detector. The through-type current flows at a frequency of 20 kHz during release
delay time since the internal logic circuit operates.


유사한 부품 번호 - S-80144ANMC-JC5T2G

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-80144ANMC-JC5T2X ABLIC-S-80144ANMC-JC5T2X Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

유사한 설명 - S-80144ANMC-JC5T2G

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com