전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80144BNMC-JG5T2G 데이터시트(PDF) 19 Page - Seiko Instruments Inc

부품명 S-80144BNMC-JG5T2G
상세설명  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80144BNMC-JG5T2G 데이터시트(HTML) 19 Page - Seiko Instruments Inc

Back Button S-80144BNMC-JG5T2G Datasheet HTML 15Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 16Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 17Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 18Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 19Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 20Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 21Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 22Page - Seiko Instruments Inc S-80144BNMC-JG5T2G Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.3.3_00
S-801 Series
Seiko Instruments Inc.
19
5. Oscillation
In applications where a resistor is connected to the voltage detector input (Figure 17), taking a
CMOS active low products for example, the through-type current which is generated when the
output goes from low to high (release) causes a voltage drop equal to [through-type current]
× [input
resistance] across the resistor. When the input voltage drops below the detection voltage (–VDET) as
a result, the output voltage goes to low level. In this state, the through-type current stops and its
resultant voltage drop disappears, and the output goes from low to high. The through-type current is
again generated, a voltage drop appears, and repeating the process finally induces oscillation.
OUT
VSS
VDD
RB
RA
VIN
S-801
Figure 17 Example for Bad Implementation of Input Voltage Divider
Precautions
• In the S-801 series products, the through-type current flows at a frequency of 20 kHz approximately
during the delay time since the internal oscillator circuit and counter timer operate at voltage release.
High impedance in the input may cause oscillation by the through-type current. When the input
impedance is high, insert a capacitor between VDD pin and VSS pin to prevent oscillation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
• In CMOS output products of the S-801 Series, the through-type current flows at detection and release. If
the impedance is high, oscillation may occur due to the voltage drop by the through-type current during
releasing.
• When designing for mass production using an application circuit described herein, the product deviation
and temperature characteristics should be taken into consideration. SII shall not bear any responsibility
for the patents on the circuits described herein.
• SII claims no responsibility for any and all disputes arising out of or in connection with any infringement of
the products including this IC upon patents owned a third party.


유사한 부품 번호 - S-80144BNMC-JG5T2G

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-80144BNMC-JG5T2X ABLIC-S-80144BNMC-JG5T2X Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

유사한 설명 - S-80144BNMC-JG5T2G

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com