์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-80146BNMC-JG7T2G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Seiko Instruments Inc

๋ถ€ํ’ˆ๋ช… S-80146BNMC-JG7T2G
์ƒ์„ธ๋‚ด์šฉ  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SII [Seiko Instruments Inc]
ํ™ˆํŽ˜์ด์ง€  http://www.sii.co.jp
Logo 

S-80146BNMC-JG7T2G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
/ 33 page
 18 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.3.3_00
18
Seiko Instruments Inc.
2. Hysteresis Width (VHYS)
Hysteresis width is the voltage difference between the detection voltage and the release voltage
(The voltage at point B
โˆ’The voltage at point A=V
HYS in Figure 11). The existence of the hysteresis
width prevents malfunction caused by noise on input signal.
3. Delay Time (tD)
Delay time is a time internally measured from the instant at which input voltage to the VDD pin
exceeds the release voltage (
+V
DET) to the point at which the output of the OUT pin inverts.
The
delay time is fixed in each series distinguished by A, B and C.
S-801xxAx series: typ.
50 ms
S-801xxBx series: typ.
100 ms
S-801xxCx series: typ.
200 ms
The output of the OUT pin can be inverted in a short delay time (tD2) by setting the DS pin High (Refer
to Figure 16).
tD2
tD1
VDD
at DS
=โ€Hโ€
OUT
V
+V
DET
Figure 16
4. Through-type Current
The through-type current refers to the current that flows instantaneously at the time of detection and
release of a voltage detector. The through-type current flows at a frequency of 20 kHz during release
delay time since the internal logic circuit operates.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn