์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-80146CNMC-JK7T2G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 17 Page - Seiko Instruments Inc

๋ถ€ํ’ˆ๋ช… S-80146CNMC-JK7T2G
์ƒ์„ธ๋‚ด์šฉ  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SII [Seiko Instruments Inc]
ํ™ˆํŽ˜์ด์ง€  http://www.sii.co.jp
Logo 

S-80146CNMC-JK7T2G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 17 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
/ 33 page
 17 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.3.3_00
S-801 Series
Seiko Instruments Inc.
17
Technical Terms
1. Detection Voltage (โ€“VDET), Release Voltage (+VDET)
The detection voltage (โ€“VDET) is a voltage at which the output turns to low. The detection voltage varies
slightly among products of the same specification. The variation of detection voltage between the
specified minimum (โ€“VDET) Min. and the maximum (โ€“VDET) Max. is called the detection voltage range
(Refer to Figure 14).
e.g. For the S-80122AN, the detection voltage lies in the range of 2.156
โ‰ค (โ€“V
DET) โ‰ค 2.244.
This means that some S-80122ANs have 2.156 V for โ€“VDET and some have 2.244 V.
The release voltage (
+V
DET) is a voltage at which the output turns to high. The release voltage varies
slightly among products of the same specification. The variation of release voltages between the
specified minimum (
+V
DET) Min. and the maximum (+VDET) Max. is called the release voltage range
(Refer to Figure 15).
e.g. For the S-80122AN, the release voltage lies in the range of 2.186
โ‰ค (+V
DET) โ‰ค 2.344.
This means that some S-80122ANs have 2.186 V for
+V
DET and some have 2.344 V.
Detection voltage
Detection voltage
range
VDD
(
โˆ’V
DET) Min.
(
โˆ’V
DET) Max.
OUT
Delay time
Release voltage
Release voltage
range
VDD
(
+V
DET) Min.
(
+V
DET) Max.
OUT
Figure 14 Detection Voltage
Figure 15 Release Voltage
Remark
Although the detection voltage and release voltage overlap in the range of 2.186 V to 2.244 V,
+V
DET is always larger than โ€“VDET.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn