์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-80146CNMC-JK7T2G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 25 Page - Seiko Instruments Inc

๋ถ€ํ’ˆ๋ช… S-80146CNMC-JK7T2G
์ƒ์„ธ๋‚ด์šฉ  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SII [Seiko Instruments Inc]
ํ™ˆํŽ˜์ด์ง€  http://www.sii.co.jp
Logo 

S-80146CNMC-JK7T2G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 25 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
/ 33 page
 25 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.3.3_00
S-801 Series
Seiko Instruments Inc.
25
Application Circuit Examples
Microcomputer Reset Circuits
If the power supply voltage to a microcomputer falls below the specified level, an unspecified
operation may be performed or the contents of the memory register may be lost. When power supply
voltage returns to normal, the microcomputer needs to be initialized before normal operations can be
done. Reset circuits protect microcomputers in the event of current being momentarily switched off
or lowered.
Reset circuits shown in Figures 22 to 23 can be easily constructed with the help of the S-801 series
that has low operating voltage, a high-precision detection voltage, hysteresis, and a built-in delay
circuit.
VSS
VDD
Microcomputer
S-
801xxAL
VSS
(Nch open-drain output products only.)
VDD1
VDD2
Microcomputer
S-
801xxAN
Figure 22 Ret Circuit (S-801xxAL)
Figure 23 Reset Circuit (S-801xxAN)
Caution The above connection diagram will not guarantees successful operation. Perform
through using the actual application to set the constant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn