전자부품 데이터시트 검색엔진 |
|
S-1112B51MC-L7KTFG 데이터시트(PDF) 4 Page - Seiko Instruments Inc |
|
S-1112B51MC-L7KTFG 데이터시트(HTML) 4 Page - Seiko Instruments Inc |
4 / 30 page HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR S-1112/1122 Series Rev.5.1_00 Seiko Instruments Inc. 4 2. Product name list (S-1112 Series) Table 1 Output Voltage SNT-6A(H) SOT-23-5 1.5 V ±1.0% S-1112B15PI-L6ATFG S-1112B15MC-L6ATFG 1.6 V ±1.0% S-1112B16PI-L6BTFG S-1112B16MC-L6BTFG 1.7 V ±1.0% S-1112B17PI-L6CTFG S-1112B17MC-L6CTFG 1.8 V ±1.0% S-1112B18PI-L6DTFG S-1112B18MC-L6DTFG 1.9 V ±1.0% S-1112B19PI-L6ETFG S-1112B19MC-L6ETFG 2.0 V ±1.0% S-1112B20PI-L6FTFG S-1112B20MC-L6FTFG 2.1 V ±1.0% S-1112B21PI-L6GTFG S-1112B21MC-L6GTFG 2.2 V ±1.0% S-1112B22PI-L6HTFG S-1112B22MC-L6HTFG 2.3 V ±1.0% S-1112B23PI-L6ITFG S-1112B23MC-L6ITFG 2.4 V ±1.0% S-1112B24PI-L6JTFG S-1112B24MC-L6JTFG 2.5 V ±1.0% S-1112B25PI-L6KTFG S-1112B25MC-L6KTFG 2.6 V ±1.0% S-1112B26PI-L6LTFG S-1112B26MC-L6LTFG 2.7 V ±1.0% S-1112B27PI-L6MTFG S-1112B27MC-L6MTFG 2.8 V ±1.0% S-1112B28PI-L6NTFG S-1112B28MC-L6NTFG 2.85 V ±1.0% S-1112B2JPI-L7PTFG S-1112B2JMC-L7PTFG 2.9 V ±1.0% S-1112B29PI-L6OTFG S-1112B29MC-L6OTFG 3.0 V ±1.0% S-1112B30PI-L6PTFG S-1112B30MC-L6PTFG 3.1 V ±1.0% S-1112B31PI-L6QTFG S-1112B31MC-L6QTFG 3.2 V ±1.0% S-1112B32PI-L6RTFG S-1112B32MC-L6RTFG 3.3 V ±1.0% S-1112B33PI-L6STFG S-1112B33MC-L6STFG 3.4 V ±1.0% S-1112B34PI-L6TTFG S-1112B34MC-L6TTFG 3.5 V ±1.0% S-1112B35PI-L6UTFG S-1112B35MC-L6UTFG 3.6 V ±1.0% S-1112B36PI-L6VTFG S-1112B36MC-L6VTFG 3.7 V ±1.0% S-1112B37PI-L6WTFG S-1112B37MC-L6WTFG 3.8 V ±1.0% S-1112B38PI-L6XTFG S-1112B38MC-L6XTFG 3.9 V ±1.0% S-1112B39PI-L6YTFG S-1112B39MC-L6YTFG 4.0 V ±1.0% S-1112B40PI-L6ZTFG S-1112B40MC-L6ZTFG 4.1 V ±1.0% S-1112B41PI-L7ATFG S-1112B41MC-L7ATFG 4.2 V ±1.0% S-1112B42PI-L7BTFG S-1112B42MC-L7BTFG 4.3 V ±1.0% S-1112B43PI-L7CTFG S-1112B43MC-L7CTFG 4.4 V ±1.0% S-1112B44PI-L7DTFG S-1112B44MC-L7DTFG 4.5 V ±1.0% S-1112B45PI-L7ETFG S-1112B45MC-L7ETFG 4.6 V ±1.0% S-1112B46PI-L7FTFG S-1112B46MC-L7FTFG 4.7 V ±1.0% S-1112B47PI-L7GTFG S-1112B47MC-L7GTFG 4.8 V ±1.0% S-1112B48PI-L7HTFG S-1112B48MC-L7HTFG 4.9 V ±1.0% S-1112B49PI-L7ITFG S-1112B49MC-L7ITFG 5.0 V ±1.0% S-1112B50PI-L7JTFG S-1112B50MC-L7JTFG 5.1 V ±1.0% S-1112B51PI-L7KTFG S-1112B51MC-L7KTFG 5.2 V ±1.0% S-1112B52PI-L7LTFG S-1112B52MC-L7LTFG 5.3 V ±1.0% S-1112B53PI-L7MTFG S-1112B53MC-L7MTFG 5.4 V ±1.0% S-1112B54PI-L7NTFG S-1112B54MC-L7NTFG 5.5 V ±1.0% S-1112B55PI-L7OTFG S-1112B55MC-L7OTFG Remark Please contact our sales office for type A products. |
유사한 부품 번호 - S-1112B51MC-L7KTFG |
|
유사한 설명 - S-1112B51MC-L7KTFG |