전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-1112B53MC-L7MTFG 데이터시트(PDF) 1 Page - Seiko Instruments Inc

부품명 S-1112B53MC-L7MTFG
상세설명  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1112B53MC-L7MTFG 데이터시트(HTML) 1 Page - Seiko Instruments Inc

  S-1112B53MC-L7MTFG Datasheet HTML 1Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1112B53MC-L7MTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev.5.1_00
HIGH RIPPLE-REJECTION AND LOW DROPOUT
CMOS VOLTAGE REGULATOR
S-1112/1122 Series
Seiko Instruments Inc.
1
The S-1112/1122 Series is a positive voltage
regulator with a low dropout voltage, high output
voltage accuracy, and low current consumption
developed based on CMOS technology.
A built-in low on-resistance transistor provides a low
dropout voltage and large output current, and a built-
in overcurrent protector prevents the load current
from exceeding the current capacitance of the output
transistor. An ON/OFF circuit ensures a long battery
life. Compared with the voltage regulators using the
conventional CMOS process, a larger variety of
capacitors are available, including small ceramic
capacitors. Small SNT-6A(H) (S-1112 Series only)
and
SOT-23-5
packages
realize
high-density
mounting. In SOT-23-5, the lineup includes the S-
1112 and S-1122 Series, which differ in pin
configuration.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V steps.
• High-accuracy output voltage:
±1.0%
• Low dropout voltage:
190 mV typ. (3.0 V output product, IOUT
= 100 mA)
• Low current consumption:
During operation: 50
µA typ., 90 µA max.
During shutdown: 0.1
µA typ., 1.0 µA max.
• High peak current capability:
150 mA output is possible (at VIN
≥ VOUT(S) + 1.0 V)
*1
• Built-in ON/OFF circuit:
Ensures long battery life.
• Low ESR capacitor can be used: A ceramic capacitor of 0.47 µF or more can be used for the output
capacitor.
• High ripple rejection:
80 dB typ. (at 1.0 kHz)
• Built-in overcurrent protector:
Overcurrent of output transistor can be restricted.
• Small package:
SNT-6A(H)(S-1112 series only), SOT-23-5
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for personal communication devices
• Power supply for home electric/electronic appliances
• Power supply for cellular phones
Packages
Drawing code
Package name
Package
Tape
Reel
Land
SNT-6A(H)
PI006-A
PI006-A
PI006-A
PI006-A
SOT-23-5
MP005-A
MP005-A
MP005-A


유사한 부품 번호 - S-1112B53MC-L7MTFG

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-1112B53MC-L7MTFG SII-S-1112B53MC-L7MTFG Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

유사한 설명 - S-1112B53MC-L7MTFG

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com