전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-80144CLMC-JI5T2G 데이터시트(HTML) 24 Page - Seiko Instruments Inc

부품명 S-80144CLMC-JI5T2G
상세내용  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo 

S-80144CLMC-JI5T2G 데이터시트(HTML) 24 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
/ 33 page
 24 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.3.3_00
24
Seiko Instruments Inc.
16. Response Time - Load Capacitor (COUT)
S-80122AL
S-80122AN
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
0.001
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
S-80160AL
S-80160AN
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
0.001
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
VDD
OUT
DS
VSS
VDD
S-801
Series
V
R
*1
100 k
Ω
V
VDD × 90 %
VDD × 10 %
VIH
INPUT VOLTAGE
OUTPUT VOLTAGE
VIL
VDD
tPHL
tPLH
VIH=10 V, VIL=0.95 V
1
μs
1
μs
*1.
R is not necessary for CMOS output products.
Figure 20 Measurment Condition for Response Time
Figure 21 Measurment Circuit for Response Time
Caution The above connection diagram will not guarantees successful operation. Perform through using
the actual application to set the constant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn