전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100ES6254FA 데이터시트(PDF) 5 Page - Integrated Device Technology

부품명 MC100ES6254FA
상세설명  2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES6254FA 데이터시트(HTML) 5 Page - Integrated Device Technology

  MC100ES6254FA Datasheet HTML 1Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 2Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 3Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 4Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 5Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 6Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 7Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 8Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC100ES6254/D
TIMING SOLUTIONS
5
a.
AC characteristics apply for parallel output termination of 50
Ω to V
TT.
b.
VPP is the minimum differential input voltage swing required to maintain AC characteristics including tpd and device-to-device skew.
c.
VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR (AC) range
and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device propagation delay, device and
part-to-part skew.
d.
The MC100ES6254 is fully operational up to 3.0 GHz and is characterized up to 2.7 GHz.
e.
Output pulse skew is the absolute difference of the propagation delay times: | tPLH - tPHL |.
f.
Propagation delay OE deassertion to differential output disabled (differential low: true output low, complementary output high).
g.
Propagation delay OE assertion to output enabled (active).
Table 7. AC CHARACTERISTICS (VCC = 3.3 V ± 5% or 2.5 V ± 5%, TJ = 0° to +110°C)
a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VPP
Differential input voltageb (peak-to-peak)
0.3
1.3
V
VCMR
Differential input crosspoint voltagec
1.2
VCC-0.3
V
VO(P-P)
Differential output voltage (peak-to-peak)
fO < 1.1 GHz
fO < 2.5 GHz
fO < 3.0 GHz
0.45
0.35
0.20
0.7
0.55
0.35
V
V
V
fCLK
Input Frequency
0
3000d
MHz
tPD
Propagation delay CLK, 1 to QA[] or QB[]
360
485
610
ps
Differential
tsk(O)
Output-to-output skew
50
ps
Differential
tsk(PP)
Output-to-output skew(part-to-part)
250
ps
Differential
tSK(P)
DCO
Output pulse skewe
Output duty cycle
tREF < 100 MHz
tREF < 800 MHz
49.4
45.2
60
50.6
54.8
ps
%
%
DCfref = 50%
DCfref = 50%
tJIT(CC)
Output cycle-to-cycle jitter
RMS (1
σ)
1
ps
SEL0
≠ SEL1
tr, tf
Output Rise/Fall Time
0.05
300
ps
20% to 80%
tPDLf
Output disable time
2.5
⋅T + t
PD
3.5
⋅T + t
PD
ns
T = CLK period
tPLDg
Output enable time
3
⋅T + t
PD
4
⋅T + t
PD
ns
T = CLK period
tPDL (OEX to Qx[])
50%
tPLD (OEX to Qx[])
Outputs disabled
CLKX
CLKX
OEX
Qx[]
Qx[]
Figure 3. MC100ES6254 output disable/enable timing
Figure 4. MC100ES6254 AC test reference
Differential
Pulse Generator
Z = 50
RT = 50 Ω
ZO = 50 Ω
DUT
MC100ES62
VTT
RT = 50 Ω
ZO = 50 Ω
VTT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MC100ES6254
2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
NETCOM
IDT™ 2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC100ES6254
5


유사한 부품 번호 - MC100ES6254FA

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
MC100ES6254AC RENESAS-MC100ES6254AC Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
MC100ES6254ACR2 RENESAS-MC100ES6254ACR2 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
More results

유사한 설명 - MC100ES6254FA

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com