전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80832CLPF-B6RTFG 데이터시트(PDF) 16 Page - Seiko Instruments Inc

부품명 S-80832CLPF-B6RTFG
상세설명  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80832CLPF-B6RTFG 데이터시트(HTML) 16 Page - Seiko Instruments Inc

Back Button S-80832CLPF-B6RTFG Datasheet HTML 12Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 13Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 14Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 15Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 16Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 17Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 18Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 19Page - Seiko Instruments Inc S-80832CLPF-B6RTFG Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.4.3_00
16
Seiko Instruments Inc.
Electrical Characteristics
1. Nch Open-drain Output Products
1-1. Detection Voltage Typ.1.4 V or Less Products
Table 14
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
−VDET
−VDET(S)
×0.98
−VDET(S) −VDET(S)
×1.02
V
1
Release voltage
+VDET
S-80808
0.802
0.834
0.867
V
1
S-80809
0.910
0.944
0.979
V
1
S-80810
1.017
1.054
1.091
V
1
S-80811
1.125
1.164
1.203
V
1
S-80812
1.232
1.273
1.315
V
1
S-80813
1.340
1.383
1.427
V
1
S-80814
1.448
1.493
1.538
V
1
Hysteresis width
VHYS
S-80808
0.018
0.034
0.051
V
1
S-80809
0.028
0.044
0.061
V
1
S-80810
0.037
0.054
0.071
V
1
S-80811
0.047
0.064
0.081
V
1
S-80812
0.056
0.073
0.091
V
1
S-80813
0.066
0.083
0.101
V
1
S-80814
0.076
0.093
0.110
V
1
Current consumption
ISS
VDD
= 1.5 V S-80808 to 09
1.3
3.5
µA
2
VDD
= 2.0 V S-80810 to 14
1.3
3.5
µA
2
Operating voltage
VDD
0.65
5.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS
= 0.5 V, VDD = 0.7 V
0.04
0.2
mA
3
Leakage current
ILEAK
Output transistor,
Nch, VDS
= 5.0 V, VDD = 5.0 V
60
nA
3
Response time
tPLH
60
µs
1
Detection voltage
temperature
coefficient
*2
DET
DET
V
Ta
V
Ta
= −40 to +85 °C
±100
±350
ppm/
°C
1
*1.
−VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value (The center value of the
detection voltage range in Table 1 to 2.)
*2.
The temperature change ratio in the detection voltage [mV/°C] is calculated by using the following equation.
[]
()
[]
[] 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
÷
°
×
=
°
3
*
2
*
*1
*1.
Temperature change ratio of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient


유사한 부품 번호 - S-80832CLPF-B6RTFG

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80832CLPF-B6RTFG SII-S-80832CLPF-B6RTFG Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

유사한 설명 - S-80832CLPF-B6RTFG

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com