전자부품 데이터시트 검색엔진 |
|
S-80832CLPF-B6RTFG 데이터시트(PDF) 22 Page - Seiko Instruments Inc |
|
S-80832CLPF-B6RTFG 데이터시트(HTML) 22 Page - Seiko Instruments Inc |
22 / 58 page SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-808xxC Series Rev.4.3_00 22 Seiko Instruments Inc. Operation 1. Basic Operation: CMOS Output (Active Low) 1-1. When the power supply voltage (VDD) is higher than the release voltage ( +VDET), the Nch transistor is OFF and the Pch transistor is ON to provide VDD (high) at the output. Since the Nch transistor N1 in Figure 17 is OFF, the comparator input voltage is C B A DD C B R R R V ) R R ( + + • + . 1-2. When the VDD goes below +VDET, the output provides the VDD level, as long as the VDD remains above the detection voltage −VDET. When the VDD falls below −VDET (point A in Figure 18), the Nch transistor becomes ON, the Pch transistor becomes OFF, and the VSS level appears at the output. At this time the Nch transistor N1 in Figure 17 becomes ON, the comparator input voltage is changed to B A DD B R R V R + • . 1-3. When the VDD falls below the minimum operating voltage, the output becomes undefined, or goes to the VDD when the output is pulled up to the VDD. 1-4. The VSS level appears when the VDD rises above the minimum operating voltage. The VSS level still appears even when the VDD surpasses −VDET, as long as it does not exceed the release voltage +VDET. 1-5. When the VDD rises above +VDET (point B in Figure 18), the Nch transistor becomes OFF and the Pch transistor becomes ON to provide VDD level at the output. VREF Pch Nch N1 RC RB RA − + OUT VSS VDD *1 *1 *1 *1. Parasiteic diode Figure 17 Operation 1 |
유사한 부품 번호 - S-80832CLPF-B6RTFG |
|
유사한 설명 - S-80832CLPF-B6RTFG |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |