전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC273DW 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC273DW
상세설명  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC273DW 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHC273DW Datasheet HTML 1Page - Texas Instruments SN74AHC273DW Datasheet HTML 2Page - Texas Instruments SN74AHC273DW Datasheet HTML 3Page - Texas Instruments SN74AHC273DW Datasheet HTML 4Page - Texas Instruments SN74AHC273DW Datasheet HTML 5Page - Texas Instruments SN74AHC273DW Datasheet HTML 6Page - Texas Instruments SN74AHC273DW Datasheet HTML 7Page - Texas Instruments SN74AHC273DW Datasheet HTML 8Page - Texas Instruments SN74AHC273DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54AHC273, SN74AHC273
OCTAL D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS376G – JUNE 1997 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHC273
SN74AHC273
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.9
1.9
IOH = –50 mA
3 V
2.9
2.9
2.9
VOH
4.5 V
4.4
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
V
IOL = 4 mA
3 V
0.36
0.5
0.44
IOL = 8 mA
4.5 V
0.36
0.5
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
mA
Ci
VI = VCC or GND
5 V
2.5
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
SN54AHC273
SN74AHC273
TA = 25°C
MIN
MAX
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
t
Pulse duration
CLR low
5
6
5
6
ns
tw
Pulse duration
CLK high or low
5
6.5
5
6.5
ns
t
Setup time
Data before CLK
5.5
6.5
5.5
6.5
ns
tsu
Setup time
CLR before CLK
2.5
2.5
2.5
2.5
ns
th
Hold time, data after CLK
1.5
2
1
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
SN54AHC273
SN74AHC273
TA = 25°C
MIN
MAX
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
t
Pulse duration
CLR low
5
5
5
5
ns
tw
Pulse duration
CLK high or low
5
5
5
5
ns
t
Setup time
Data before CLK
4.5
4.5
4.5
4.5
ns
tsu
Setup time
CLR before CLK
2
2
2
2
ns
th
Hold time, data after CLK
1.5
2
1
1
ns


유사한 부품 번호 - SN74AHC273DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC273DW TI-SN74AHC273DW Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHC273DW TI1-SN74AHC273DW Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN74AHC273DWG4 TI1-SN74AHC273DWG4 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN74AHC273DWR TI-SN74AHC273DWR Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHC273DWR TI1-SN74AHC273DWR Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
More results

유사한 설명 - SN74AHC273DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com