전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80144BLPF-JE5TFG 데이터시트(PDF) 24 Page - Seiko Instruments Inc

부품명 S-80144BLPF-JE5TFG
상세설명  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80144BLPF-JE5TFG 데이터시트(HTML) 24 Page - Seiko Instruments Inc

Back Button S-80144BLPF-JE5TFG Datasheet HTML 20Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 21Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 22Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 23Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 24Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 25Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 26Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 27Page - Seiko Instruments Inc S-80144BLPF-JE5TFG Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.3.3_00
24
Seiko Instruments Inc.
16. Response Time - Load Capacitor (COUT)
S-80122AL
S-80122AN
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
0.001
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
S-80160AL
S-80160AN
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
0.001
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
COUT [μF]
Ta
=25°C
tPLH
(Delay time2)
tPHL
VDD
OUT
DS
VSS
VDD
S-801
Series
V
R
*1
100 k
Ω
V
VDD × 90 %
VDD × 10 %
VIH
INPUT VOLTAGE
OUTPUT VOLTAGE
VIL
VDD
tPHL
tPLH
VIH=10 V, VIL=0.95 V
1
μs
1
μs
*1.
R is not necessary for CMOS output products.
Figure 20 Measurment Condition for Response Time
Figure 21 Measurment Circuit for Response Time
Caution The above connection diagram will not guarantees successful operation. Perform through using
the actual application to set the constant.


유사한 부품 번호 - S-80144BLPF-JE5TFG

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-80144BLPF-JE5TFU ABLIC-S-80144BLPF-JE5TFU Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

유사한 설명 - S-80144BLPF-JE5TFG

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com