전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LACC-1741 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 LACC-1741
부품 상세설명  Axial Conformal Coated Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LACC-1741 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  LACC-1741 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
A, B, (inch conversion)
B=Bulk
T=Tape & Reel
Inductance Code
F=Flat Pack
Tolerance
J=5%, K=10%, M=20%
LACC - 1741 - R10 K - T
Axial Conformal Coated Inductor
(LACC-1741 Series)
Features
Inductance Range
0.1 µH to 1000 µH
Tolerance
5%, 10%, 20%
Operating Temperature
-20°C to +80°C
Construction
Conformal Coated
Dielectric Strength
250 Volts RMS
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
64.0 ± 2.0
10.5 max
0.65 ± 0.05 dia
4.2 max
(B)
(A)
Electrical Specifications
L
Code
L
(µH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
L
Code
L
(uH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
R10
0.10
45
25.2
300
0.10
1400
120
12.0
50
2.52
19
0.63
480
R12
0.12
45
25.2
300
0.10
1400
150
15.0
50
2.52
17
0.72
460
R15
0.15
45
25.2
300
0.10
1400
180
18.0
50
2.52
13
0.77
430
R18
0.18
45
25.2
300
0.10
1400
220
22.0
55
2.52
9.6
0.84
410
R22
0.22
45
25.2
300
0.10
1400
270
27.0
55
2.52
7.2
0.94
390
R27
0.27
45
25.2
270
0.11
1320
330
33.0
55
2.52
6.3
1.03
370
R33
0.33
45
25.2
250
0.12
1280
390
39.0
50
2.52
6.3
1.12
350
R39
0.39
45
25.2
230
0.13
1200
470
47.0
45
2.52
6.3
1.22
340
R47
0.47
45
25.2
220
0.14
1150
560
56.0
40
2.52
6.2
7.34
320
R56
0.56
45
25.2
200
0.15
1100
680
68.0
40
2.52
5.7
1.47
305
R68
0.68
45
25.2
190
0.16
1030
820
82.0
35
2.52
5.3
1.62
290
R82
0.82
45
25.2
172
0.17
980
101
100
30
2.52
4.8
1.80
275
1R0
1.00
45
7.96
157
0.19
920
121
120
55
0.796
3.8
3.70
185
1R2
1.20
50
7.96
144
0.21
880
151
150
45
0.796
3.5
4.20
175
1R5
1.50
50
7.96
131
0.23
830
181
180
50
0.796
3.3
4.60
165
1R8
1.80
50
7.96
121
0.25
790
221
220
55
0.796
3.0
5.10
155
2R2
2.20
50
7.96
110
0.28
750
271
270
65
0.796
2.8
5.80
145
2R7
2.70
60
7.96
100
0.30
720
331
330
65
0.796
2.6
6.40
137
3R3
3.30
65
7.96
94
0.34
670
391
390
65
0.796
2.4
7.00
133
3R9
3.90
65
7.96
65
0.37
640
471
470
60
0.796
2.25
7.70
126
4R7
4.70
70
7.96
56
0.39
620
561
560
60
0.796
2.1
8.50
120
5R6
5.60
70
7.96
48
0.43
590
681
680
55
0.796
1.95
9.40
113
6R8
6.80
75
7.96
37
0.48
550
821
820
55
0.796
1.85
10.5
105
8R2
8.20
80
7.96
25
0.52
530
102
1000
50
0.796
1.4
14.0
100
100
10.0
65
7.96
21
0.58
500
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn