전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT1G00 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74AHCT1G00
상세설명  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G00 데이터시트(HTML) 6 Page - Texas Instruments

  SN74AHCT1G00_03 Datasheet HTML 1Page - Texas Instruments SN74AHCT1G00_03 Datasheet HTML 2Page - Texas Instruments SN74AHCT1G00_03 Datasheet HTML 3Page - Texas Instruments SN74AHCT1G00_03 Datasheet HTML 4Page - Texas Instruments SN74AHCT1G00_03 Datasheet HTML 5Page - Texas Instruments SN74AHCT1G00_03 Datasheet HTML 6Page - Texas Instruments SN74AHCT1G00_03 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MECHANICAL DATA
MPDS025C – FEBRUARY 1997 – REVISED FEBRUARY 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCK (R-PDSO-G5)
PLASTIC SMALL-OUTLINE PACKAGE
0,10
M
0,10
0,65
0
°–8°
0,46
0,26
0,13 NOM
4093553-2/D 01/02
0,15
0,30
1,40
1,10
2,40
1,80
4
5
2,15
1,85
1
3
1,10
0,80
0,10
0,00
Seating Plane
0,15
Gage Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-203


유사한 부품 번호 - SN74AHCT1G00_03

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G00-Q1 TI1-SN74AHCT1G00-Q1 Datasheet
959Kb / 22P
[Old version datasheet]   SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JULY 2023
SN74AHCT1G00-Q1 TI1-SN74AHCT1G00-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JANUARY 2024
SN74AHCT1G00-Q1 TI1-SN74AHCT1G00-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JANUARY 2024
SN74AHCT1G00DBV TI-SN74AHCT1G00DBV Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00DBVR TI1-SN74AHCT1G00DBVR Datasheet
830Kb / 13P
[Old version datasheet]   SN74AHCT1G00 SINGLE 2-INPUT POSITIVE-NAND GATE
More results

유사한 설명 - SN74AHCT1G00_03

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com