전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-5LG 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 P-5LG
상세설명  IFT COILS < Pin Type: P-5 Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LG 데이터시트(HTML) 2 Page - Sumida Corporation

  P-5LG Datasheet HTML 1Page - Sumida Corporation P-5LG Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-5LG/FM, P-5LG/AM, P-5LG/MW, P-5LG/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: P-5 Series>
Specification (P-5LG/AM) (Part No. 4175-T083)
Specification (P-5LG/MW) (Part No. 4177-T039)
Specification (P-5LG/SW) (Part No. S1325005)
Item
(1-4)
Measuring Condition
Inductance
5 μH ± 4%
Variable
7.96MHz
Unloaded Q
Min. 55
7.96MHz
Using Frequency: 4MHz
Item
(4-6)
Measuring Condition
Tuning Capacity
65pF±4%
Variable
10.7MHz
Unloaded Q
Min. 55
10.7MHz
Inductance
3.4µH (Ref.)
Item
(1-3)
Measuring Condition
Frequency
455kHz±2%
Variable
Capacity (Int.)
180pF±10%
Unloaded Q
45 Min
455kHz
Ext. stray capacity 0pF between (1-3) at measuring.
Item
(1-3)
Measuring Condition
Inductance
125μH ± 4% Variable
796kHz
Unloaded Q
Min. 50
796kHz


유사한 부품 번호 - P-5LG

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
P-5LG SUMIDA-P-5LG Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/AM SUMIDA-P-5LG/AM Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/FM SUMIDA-P-5LG/FM Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/MW SUMIDA-P-5LG/MW Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/SW SUMIDA-P-5LG/SW Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
More results

유사한 설명 - P-5LG

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
P-5LG SUMIDA-P-5LG_1 Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7GL SUMIDA-P-7GL Datasheet
42Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-4SB SUMIDA-P-4SB Datasheet
159Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
P-5DJFM SUMIDA-P-5DJFM Datasheet
66Kb / 2P
   IFT COILS < P-5DJ Series>
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com