전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC128B 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 LC128B
상세설명  General Power Transformer Type: LC Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LC128B 데이터시트(HTML) 1 Page - Sumida Corporation

  LC128B_1 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <Pin Type: LC Series>
Type: LC128B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
“ S” is winding start
Product Description
・¢
13.0mm Max.(L×W), 8.5mm Max. Height.
In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Magnetically shielded construction.
Max. Operating frequency 500kHz,
Max. Operating Power 2.9W (500kHz), 1.9W(300kHz), 0.8W(100kHz).
Ideally used in Portable equipment, Drive for fluorescent display tube.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Specification
Sample No.
Inductance (7-9)
1kHz/1V
Hi-pot
(1,3 - 6,8)
(50/60Hz)
Hi-pot
(1,3,6,8- Core)
(50/60Hz)
0350 - T048
5.2mH ± 30%
AC 1000Vrms/1min.
AC 1000Vrms/1min.
8.5 MAX.
2.5
-0.5
+1.0
36 ゜
φ10.0±0.3
φ12.5±0.5
④⑤
S
S


유사한 부품 번호 - LC128B_1

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
LC128B SUMIDA-LC128B Datasheet
92Kb / 1P
   DC-DC CONVERTER?늁IN?
More results

유사한 설명 - LC128B_1

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
LC-15 SUMIDA-LC-15_1 Datasheet
123Kb / 1P
   General Power Transformer
LC104B SUMIDA-LC104B Datasheet
118Kb / 1P
   General Power Transformer
LC104 SUMIDA-LC104 Datasheet
115Kb / 1P
   General Power Transformer
LC-12 SUMIDA-LC-12 Datasheet
92Kb / 1P
   General Power Transformer
LC-128 SUMIDA-LC-128_1 Datasheet
132Kb / 1P
   General Power Transformer
EI-22 SUMIDA-EI-22_06 Datasheet
129Kb / 1P
   General Power Transformer < Pin Type: EI Series>
EER-137 SUMIDA-EER-137 Datasheet
116Kb / 1P
   General Power Transformer
EI4036 SUMIDA-EI4036 Datasheet
66Kb / 1P
   General Power Transformer
EI-25S SUMIDA-EI-25S Datasheet
130Kb / 1P
   General Power Transformer
EI-30 SUMIDA-EI-30_06 Datasheet
130Kb / 1P
   General Power Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com