전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73G-OI420 데이터시트(PDF) 2 Page - Grayhill, Inc

부품명 73G-OI420
상세설명  Analog Voltage and Current Output Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GRAYHILL [Grayhill, Inc]
홈페이지  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73G-OI420 데이터시트(HTML) 2 Page - Grayhill, Inc

  73G-OI420 Datasheet HTML 1Page - Grayhill, Inc 73G-OI420 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
SPECIFICATIONS: By Part Number
Type/Function
Grayhill Part Number
G5, OpenLine®
73G-OI420
73G-OI020
73L-OI420
73L-OI020
73L-OI024
Specifications
Units
Number of Outputs
1 Ch., Diff.
1 Ch., Diff.
2 Ch., S.E.
2 Ch., S.E.
2 Ch., S.E.
Resolution
bits
12
12
12
12
12
µA/count
3.9
4.9
3.9
4.9
5.9
Absolute Accuracy @ 25°C1
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 45
+/- 45
+/- 50
+/- 50
+/- 50
Maximum Gain (0 to 60°C)
PPM/°C
+/- 150
+/- 150
+/- 100
+/- 75
+/- 100
Serial Data Format
12-bit packet
12-bit packet
Right Justified,
Right Justified,
Right Justified,
16-bit
16-bit
16-bit
Serial Data Packet
115.2Kb, N, 8, 2 115.2Kb, N, 8, 2
115.2Kb, N, 8, 2
Step Response Time
µS
0.5
0.5
500
500
500
Max. Loop Resistance3
Ohms
330
330
500
500
500
Output Current Range
mA
4-20
0-20
4-20
0-20
0-24
Maximum Load
250
1000
Continuousshort
Continuousshort
Continuousshort
circuit
circuit
circuit
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
4.75-5.25
4.75-5.25
4.75-5.25
Maximum Logic Supply Current
@ 5V dc
mA/Ch.
140
140
80
80
100
Power Up Status
Output @ min.
Output @ min.
Output @ min.
Output @ min.
Output @ min.
value
value
value
value
value
Short Circuit Protection
Yes
Yes
Yes
Yes
Yes
Module ID (Pin 9)
K
N/A
N/A
5.23
5.23
5.23
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
2500
2500
Channel A to Channel B
N/A
N/A
None
None
None
Environmental Conditions
Operating Temperature3, 4
°C
0-60
0-60
-40-85
-40-85
-40-85
Storage Temperature
°C
-25-55
-25-55
-40-100
-40-100
-40-100
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Accuracy and drift graphs are available in Bulletin #753.
3 External loop supply can increase maximum loop resistance rating.
Analog Voltage and Current Output Modules
CIRCUITRY: Current Output
G5
OpenLine®
+
+5V
SERIAL
INPUT
DATA
1
2
3
4
5
GROUND
AMP
DC/DC
CONVERTER
VS
VS-
D/A
BUFFER
VS
2K
10K
5.23K
10K
CHANNEL A
CHANNEL B
OPTICAL
ISOLATION
ISOLATED
DC/DC
CONVERTER
I/O MODULE
PIN #
OUTPUT
DEVICE
OUTPUT
DEVICE
TERMINAL
BLOCK #
D/A
6
5
7
8
9
µP
Vs
Vs
Vs
Vs
+
+
5
5
1
2
3
44
3
1
2
Vcc
GND
TXD
RXD
MODULE ID
I/O
26


유사한 부품 번호 - 73G-OI420

제조업체부품명데이터시트상세설명
logo
Grayhill, Inc
73G-OI420 GRAYHILL-73G-OI420 Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

유사한 설명 - 73G-OI420

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
4Mb / 40P
   Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Rev 1; 5/09
logo
Texas Instruments
INA223 TI1-INA223 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA223 TI-INA223_15 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
WAGO Kontakttechnik Gmb...
750-564 WAGO-750-564 Datasheet
527Kb / 10P
   4-channel analog output; Voltage/Current
logo
Opto Electronics Co,. L...
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
   SNAP Analog Output Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com