전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF1290NP-472 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 LF1290NP-472
상세설명  AC COMMON MODE COIL Type: LF Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF1290NP-472 데이터시트(HTML) 2 Page - Sumida Corporation

  LF1290NP-472 Datasheet HTML 1Page - Sumida Corporation LF1290NP-472 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF1290
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part No.
Stamp
Inductance
[MIN.](mH)
(1-2)( 4-3)
1kHz
Inductance
Balance
MAX.](μH)
D.C.R. (Ω)
[MAX.]
(1-2)(4-3)
(at 20℃)
Rated current
(50/60Hz)
( Arms)※1
LF129ØNP-471
471
0.47
50
0.15
1.10
LF129ØNP-681
681
0.68
50
0.25
0.85
LF129ØNP-1Ø2
102
1.0
150
0.35
0.65
LF129ØNP-222
222
2.2
150
0.70
0.45
LF129ØNP-392
392
3.9
200
1.20
0.36
LF129ØNP-472
472
4.7
300
1.60
0.34
LF129ØNP-682
682
6.8
400
2.50
0.25
LF129ØNP-1Ø3
103
10.0
550
4.00
0.20
1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃).
Please give sufficient consideration to the thick wire used when producing the P.C.B.
(mounting holesφ1.0mm)


유사한 부품 번호 - LF1290NP-472

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
LF1290 SUMIDA-LF1290 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-102 SUMIDA-LF1290-102 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-103 SUMIDA-LF1290-103 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-222 SUMIDA-LF1290-222 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-392 SUMIDA-LF1290-392 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
More results

유사한 설명 - LF1290NP-472

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
LF2420 SUMIDA-LF2420 Datasheet
141Kb / 1P
   AC COMMON MODE COIL
LF2020 SUMIDA-LF2020 Datasheet
144Kb / 1P
   AC COMMON MODE COIL
LF2823 SUMIDA-LF2823 Datasheet
122Kb / 1P
   AC COMMON MODE COIL
LF2115 SUMIDA-LF2115 Datasheet
123Kb / 1P
   AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C_13 Datasheet
203Kb / 2P
   AC COMMON MODE COIL
PFN3218 SUMIDA-PFN3218 Datasheet
164Kb / 1P
   COMMON MODE CHOKE COIL < Pin Type: PFN Series >
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
   AC COMMON MODE COIL
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com