전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73G-OV10 데이터시트(PDF) 2 Page - Grayhill, Inc

부품명 73G-OV10
상세설명  Contact Closure DC Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GRAYHILL [Grayhill, Inc]
홈페이지  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73G-OV10 데이터시트(HTML) 2 Page - Grayhill, Inc

  73G-OV10 Datasheet HTML 1Page - Grayhill, Inc 73G-OV10 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
ANALOG I/O MODULES
Analog output modules are used in proportional
control of devices such as valves, motors, and
heaters. Analog input modules are used in data
gathering and proportional control applications.
All modules are potted for industrial
environments. They operate under high
vibration (IEC68-2-6; 0.15 mm/sec2 at 10-
150Hz) mechanical shock (IEC68-2-27; 11
mS, sinusoidal 30 gS) and high relative humidity
(IEC68-2-3; 5-95% non-condensing). They
feature a high level of noise immunity and
accuracy. All models provide isolation from
field to logic, field to power supply and module
to module.
OpenLine® Analog
OpenLine® analog modules communicate
serially with the controller. Each module has a
separate transmit and receive line that operates
at 115,200 baud with no parity bits, 8 data bits,
and 1 stop bit (115.2K,N,8,1). The command
structure and responses for all modules are
detailed in Bulletin No. 743. Each module has
a microcontroller and non-volatile serial
EEPROM memory. The calibration data is
stored within the EEPROM, and may be
changed using the appropriate commands
and the 70L-PROG field calibration unit. The
software provided with the calibration unit
communicates with the modules through the
serial port of a PC. Calibration equipment is not
provided.
OpenLine® Analog Input Modules
Upon request, analog input modules return a
12-bit value that is right justified and packed in
a 16-bit word that represents the equivalent
analog value sensed.
OpenLine® thermocouple inputs linearize the
thermocouple reading and returns degrees to
the controller.
Openline® Analog Output
For analog output modules, the output of these
modules is zero scale on power up, then it is
the analog equivalent of the 12-bit value sent
to the module over the communication lines.
G5 Analog Output
The output (voltage or current level) of these
modules varies proportionally to the 12-bit
serial data string sent to them by a control
circuit. The data string is typically 213.2 µSec.
long as detailed in Figure 1. Once a data string
is received, the output is set and remains
constant until another data string is sent.
Therefore, the output level of the module could
be changed almost 4700 times a second.
For more information on programming Grayhill
analog output modules, request a copy of
Bulletin No. 581.
START
12 BIT DATA
END
9.6
µS
153.6
µS
500
µS
Figure 1
Analog I/O Modules Engineering Information and Selection Chart
Start Pulse: High for 6.4 µS Min., then low
for 3.2 µS
Data Packet: Each bit is 12.8 µS long.
High for first 3.2 µS of the bit.
Middle 6.4 µS determines the value of the
data bit (High = 1, Low = 0).
Low for last 3.2 µS of the bit.
Stop Pulse: Low for 500 µS minimum
Times shown are ± 10%, except minimums.
SERIAL DATA FORMAT**
G5 Analog Input
G5 voltage or current input modules are actually
frequency converters. The input to these
modules is a signal from a sensor. The output
from these modules is a squarewave whose
frequency varies linearly from 14.4 to 72 KHz
and is proportional to the input signal. The
controller must be able to measure this
frequency and convert it back to a signal level.
G5 thermocouple modules pass through the
thermocouple reading and do not linearize the
signal. Linearization must take place within the
controller.
Agency Approvals
OpenLine® analog modules are EN50082-2
and EN50081-2 compliant and meet the
requirements of 89/336/EEC EMC directive.
They are also EN60950 (61010-1) compliant.
Meeting these requirements allows the modules
to bear the CE mark. Additionally, the modules
are CSA certified to CSA 22.2 No. 14-95M and
CSA 22.2 No. 213-M1987 Class I, Div. 2
Groups A, B, C and D and are UL recognized
to UL 508.
Module Type
73G = Analog Module, G5 Package, Single Channel
73L = Analog Module, OpenLine® Package, Dual Channel
Function
OV = Analog Output, Voltage
II = Analog Input, Current
OI = Analog Output, Current
IT = Analog Input, Temperature
IV
= Analog Input, Voltage
73G-IV50M
Suffix
Analog Modules:
5
= 0–5 Vdc
10
= 0 - 10 Vdc
50M
= 0–50 mV
5B = -5–5 Vdc
10B = -10 - 10 Vdc
100M = 0–100 mV
1
= 0–1 Vdc
020 = 0 to 20 mA
R100
= RTD
CJ = J type TC
420 = 4 to 20 mA
R3100 = 3 Wire RTD
CK = K type TC
5000 = 0 to 5 A
R4100 = 4 Wire RTD
CR = R type TC
AC120 = 28 to 140 Vac
CT = T type TC
AC240 = 28 to 280 Vac
PART NUMBER EXPLANATION: Analog I/O Modules
I/O
21


유사한 부품 번호 - 73G-OV10

제조업체부품명데이터시트상세설명
logo
Grayhill, Inc
73G-OV10 GRAYHILL-73G-OV10 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
73G-OV10B GRAYHILL-73G-OV10B Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
More results

유사한 설명 - 73G-OV10

제조업체부품명데이터시트상세설명
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
logo
Crydom Inc.,
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
   AC/DC Input Modules
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Tripp Lite. All Rights ...
ENVIROSENSE TRIPPLITE-ENVIROSENSE Datasheet
476Kb / 2P
   EnviroSense Rack Environment Sensor,Temperature, Humidity, Contact-Closure Inputs
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
logo
Premier Magnetics, Inc.
PDCS6233 PMI-PDCS6233 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS03001 PMI-PDCS03001 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCS03041 PMI-PDCS03041 Datasheet
30Kb / 2P
   3.0 WATT 4:1WIDE INPUT RANGE DC/DC POWER MODULES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com