전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73L-IIR4100 데이터시트(PDF) 1 Page - Grayhill, Inc

부품명 73L-IIR4100
상세설명  Contact Closure DC Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GRAYHILL [Grayhill, Inc]
홈페이지  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73L-IIR4100 데이터시트(HTML) 1 Page - Grayhill, Inc

  73L-IIR4100 Datasheet HTML 1Page - Grayhill, Inc 73L-IIR4100 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Contact Closure DC Input Modules
FEATURES
• Wire Dry Contact Sensors Directly
to Module, Eliminate External
Power Supply
• 2500 Vac Isolation
• Built-In Status LED
• UL, CSA, CE Mark, TÜV Certified
(TÜV not available on OpenLine®)
• Simplifies Field Wiring
3
4
5
+
1
2
10K
+VCC
OUTPUT
GROUND
VDC
TRANSFORMER
ISOLATION
CONTACT
DEBOUNCE
OUTPUT
DRIVER
CIRCUIT
CIRCUITRY: Negative True Logic
SPECIFICATIONS:
Specifications
apply
over
operating
temperature range unless noted otherwise.
All Modules
Output Specifications
Output Current Range: 1-50 mA
Breakdown Voltage: 50 Vdc minimum
Off State Leakage Current: 1 µA maximum
On State Voltage Drop: 0.45 Vdc at 50 mA
maximum
General Characteristics
Isolation Voltage Field to Logic:
2500 Vac (rms) minimum
OpenLine®
Vibration: .15mm, 10 to 50 Hz per IEC68-2-6
Mechanical Shock: 50 G's, 0.5 mS, sinsoidal
per IEC68-2-27
Storage Temperature Range:
-40°C to +100°C
Operating Temperature Range:
-40°C to +85°C
G5
Vibration: 20 G's peak or .06" double amplitude
10–2000 Hz per MIL–STD–202, Method 204,
Condition D
Mechanical Shock: 1500 G's 0.5 mS half-sine
G5, Dry Contact
70L-IDC5S
70G-IDC5S
70G-IDC24S
Specifications
Units
Maximum Dry Contact Voltage Rating
Vdc
25
25
25
Minimum Dry Contact Current Rating
mA
5
5
5
Maximum Turn-on Time
mSec
10
3.0
3.0
Maximum Turn-off Time
mSec
10
3.0
3.0
Contact Resistance (Output Low)
Ω≤ 1.25K
≤1.25K
≤ 1.25K
Contact Resistance (Output High)
25K
25K
25K
Nominal Logic Voltage (Vcc)
Vdc
5
5
24
Logic Voltage Range: G5
Vdc
4.5-5.5
4.5-6
15-30
Max. Logic Supply Current
mA
1201
41
41
@ Nominal Vcc
SPECIFICATIONS: By Part Number
Type/Function
Grayhill Part Number
per MIL–STD–202, Method 213, Condition F
Storage Temperature Range:
-40°C to +125°C
Operating Temperature Range:
0°C to +60°C
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
OpenLine®
TYPICAL WIRING FOR MODULE 0
0
MODULE
BASE
OR
RACK
TERMINAL
BLOCK #
B
A
I/O MODULE
PIN #
INPUT
DEVICE
INPUT
DEVICE
DC
SUPPLY
FILTER
FILTER
OPTICAL
ISOLATION
OPTICAL
ISOLATION
HYSTERESIS
HYSTERESIS
+
+
+
1
2
3
4
1
2
3
4
6
7
5
8
9
Vcc
CH. A STATUS
GND
CH. B STATUS
MODULE ID
G5
70L-IDL
70G-IDC
1WHEN BOTH CHANNELS ARE ACTIVATED
I/O
20


유사한 부품 번호 - 73L-IIR4100

제조업체부품명데이터시트상세설명
logo
Grayhill, Inc
73L-II020 GRAYHILL-73L-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
73L-II222 GRAYHILL-73L-II222 Datasheet
121Kb / 2P
   Analog Current Input Modules
73L-II420 GRAYHILL-73L-II420 Datasheet
121Kb / 2P
   Analog Current Input Modules
More results

유사한 설명 - 73L-IIR4100

제조업체부품명데이터시트상세설명
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
logo
Crydom Inc.,
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
   AC/DC Input Modules
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Tripp Lite. All Rights ...
ENVIROSENSE TRIPPLITE-ENVIROSENSE Datasheet
476Kb / 2P
   EnviroSense Rack Environment Sensor,Temperature, Humidity, Contact-Closure Inputs
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
logo
Premier Magnetics, Inc.
PDCS6233 PMI-PDCS6233 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS03001 PMI-PDCS03001 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCS03041 PMI-PDCS03041 Datasheet
30Kb / 2P
   3.0 WATT 4:1WIDE INPUT RANGE DC/DC POWER MODULES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com