전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AL-XD0361 데이터시트(PDF) 1 Page - A-BRIGHT Inc

부품명 AL-XD0361
상세설명  Super Red Axial LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  A-BRIGHT [A-BRIGHT Inc]
홈페이지  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-XD0361 데이터시트(HTML) 1 Page - A-BRIGHT Inc

  AL-XD0361 Datasheet HTML 1Page - A-BRIGHT Inc AL-XD0361 Datasheet HTML 2Page - A-BRIGHT Inc AL-XD0361 Datasheet HTML 3Page - A-BRIGHT Inc AL-XD0361 Datasheet HTML 4Page - A-BRIGHT Inc AL-XD0361 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2006/10/18
NOTES:
1. All dimensions are in millimeters (inches);
2. Tolerances are
±0.1mm (0.004inch) unless otherwise
noted.
Soldering iron
Basic spec is
5sec when 260℃. If temperature is higher,
time should be shorter (+10℃
-1sec ).Power dissipation
of iron should be smaller than 15W, and temperatures
should be controllable .Surface temperature of the device
should be under 230℃ .
ITEM
MATERIALS
Resin (mold)
Epoxy
Lens color
Water Clear
Printed circuit board
BT
Dice
GaAlAs/GaAs
Emitted color
Super Red
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
AXIAL LED LAMPS
Super Red Axial LED Lamps
Part Number: AL-XD0361
Package outlines & Re-flow Profile
Reflow Temp/Time


유사한 부품 번호 - AL-XD0361

제조업체부품명데이터시트상세설명
logo
A-BRIGHT Inc
AL-XD0361-F7 A-BRIGHT-AL-XD0361-F7 Datasheet
339Kb / 5P
   Super Red Axial With Gull Wing Lead AXIAL LED LAMPS
2006/10/18
AL-XD0361-F8 A-BRIGHT-AL-XD0361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XD0361-F9 A-BRIGHT-AL-XD0361-F9 Datasheet
335Kb / 5P
   Super Red Axial With Z-Bent Lead AXIAL LED LAMPS
2006/10/19
More results

유사한 설명 - AL-XD0361

제조업체부품명데이터시트상세설명
logo
A-BRIGHT Inc
AL-XF0361 A-BRIGHT-AL-XF0361 Datasheet
339Kb / 5P
   Super Red Axial LED Lamps
2006/10/18
AL-XS1361 A-BRIGHT-AL-XS1361 Datasheet
339Kb / 5P
   Super Red Axial LED Lamps
2006/10/18
AL-XUB361 A-BRIGHT-AL-XUB361 Datasheet
339Kb / 5P
   Super Red Axial LED Lamps
2006/10/18
AL-XJD361 A-BRIGHT-AL-XJD361 Datasheet
339Kb / 5P
   Super Orange Red Axial LED Lamps AXIAL LED LAMPS
2006/10/18
logo
List of Unclassifed Man...
AL-XJB361 ETC-AL-XJB361 Datasheet
741Kb / 5P
   SUPER ORANGE RED AXIAL LED LAMPS
logo
A-BRIGHT Inc
AL-XJB361 A-BRIGHT-AL-XJB361 Datasheet
339Kb / 5P
   Super Orange Red Axial LED Lamps
2006/10/19
AL-XD0361-F8 A-BRIGHT-AL-XD0361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XF0361-F8 A-BRIGHT-AL-XF0361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XUB361-F8 A-BRIGHT-AL-XUB361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XS1361-F8 A-BRIGHT-AL-XS1361-F8 Datasheet
337Kb / 5P
   Super Red Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com