전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF840 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 IRF840
상세설명  N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF840 데이터시트(HTML) 4 Page - STMicroelectronics

  IRF840 Datasheet HTML 1Page - STMicroelectronics IRF840 Datasheet HTML 2Page - STMicroelectronics IRF840 Datasheet HTML 3Page - STMicroelectronics IRF840 Datasheet HTML 4Page - STMicroelectronics IRF840 Datasheet HTML 5Page - STMicroelectronics IRF840 Datasheet HTML 6Page - STMicroelectronics IRF840 Datasheet HTML 7Page - STMicroelectronics IRF840 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
IRF840
4/8


유사한 부품 번호 - IRF840

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Suntac Electronic Corp.
IRF840 SUNTAC-IRF840 Datasheet
132Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
IRF840 ETC2-IRF840 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
IRF840 PHILIPS-IRF840 Datasheet
60Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
Inchange Semiconductor ...
IRF840 ISC-IRF840 Datasheet
118Kb / 2P
   isc N-Channel Mosfet Transistor
More results

유사한 설명 - IRF840

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
IRF840 STMICROELECTRONICS-IRF840_02 Datasheet
218Kb / 8P
   N-CHANNEL 500V - 0.75廓 - 8A TO-220 PowerMesh?줚I MOSFET
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
STP7NB30 STMICROELECTRONICS-STP7NB30 Datasheet
108Kb / 9P
   N - CHANNEL 300V - 0.75ohm - 7A - TO-220/TO-220FP PowerMESH MOSFET
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
logo
STMicroelectronics
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com