전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148WS 데이터시트(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

부품명 1N4148WS
상세설명  BL Galaxy Electrical Production specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4148WS 데이터시트(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  1N4148WS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4148WS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4148WS Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Diode
1N4148WS
Document number: BL/SSSDB002
www.galaxycn.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
SOD-323
Dim
Min
Max
A
1.275
1.325
B
1.675
1.725
C
0.9 Typical
D
0.25
0.35
E
0.27
0.37
H
0.02
0.1
J
0.1 Typical
K
2.6
2.7
All Dimensions in mm
E
K
H
D
C
B
A
J
SOLDERING FOOTPRINT
Unit :mm
PACKAGE INFORMATION
Device
Package
Shipping
1N4148WS
SOD-323
3000/Tape&Reel


유사한 부품 번호 - 1N4148WS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
1N4148WS WINNERJOIN-1N4148WS Datasheet
178Kb / 2P
   Fast Switching Speed
logo
Tak Cheong Electronics ...
1N4148WS TAK_CHEONG-1N4148WS Datasheet
660Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
RFE international
1N4148WS RFE-1N4148WS Datasheet
1Mb / 3P
   High Speed Switching Diodes
16-12-2021
More results

유사한 설명 - 1N4148WS

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Shoulder Electronics Li...
HDF384CS4 SHOULDER-HDF384CS4 Datasheet
196Kb / 8P
   ELECTRICAL SPECIFICATION
logo
Bel Fuse Inc.
S553-6500-E6-F BEL-S553-6500-E6-F Datasheet
58Kb / 2P
   ELECTRICAL SPECIFICATION
S558-10GB-05 BEL-S558-10GB-05 Datasheet
312Kb / 2P
   Electrical Specification
X5585999Q2-F BEL-X5585999Q2-F Datasheet
218Kb / 2P
   ELECTRICAL SPECIFICATION
X558-5999-C0-F BEL-X558-5999-C0-F Datasheet
68Kb / 2P
   ELECTRICAL SPECIFICATION
S558-5999-AF-F BEL-S558-5999-AF-F Datasheet
64Kb / 2P
   ELECTRICAL SPECIFICATION
S558-5999-AN-F BEL-S558-5999-AN-F Datasheet
58Kb / 2P
   ELECTRICAL SPECIFICATION
S5585999AF-F BEL-S5585999AF-F Datasheet
64Kb / 2P
   ELECTRICAL SPECIFICATION
X558-5500-48 BEL-X558-5500-48 Datasheet
173Kb / 2P
   ELECTRICAL SPECIFICATION
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com