전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4145 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 1N4145
상세설명  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4145 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N4145 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4145 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e: JEDEC DO-27,m olded plas tic
Term inals : Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces ,1.15 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unless otherwise s pecified.
Single phas e,half wave,50 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
1N
4139
1N
4141
1N
4142
1N
4143
1N
4144
1N
4145
1N
4146
UNITS
Maxim um recurrent peak revers e voltage
VRRM
50
200
400
600
800
1000
1200
V
Maximum RMS voltage
VRMS
35
140
280
420
560
700
840
V
Maxim um DC blocking voltage
VDC
50
200
400
600
800
1000
1200
V
Maxim um average forward rectified current
9.5m m lead length,
@TA=75
Peak forward surge current
10m s s ingle half-s ine-wave
superim pos ed on rated load
@TJ=125
Maxim um ins tantaneous forward voltage
@ 3.0 A
VF
V
Maxim um revers e current
@TA=25
at rated DC blocking voltage
@TA=100
Typical junction capacitance
(Note1)
CJ
pF
Typical therm al res is tance
(Note2)
R JA
/W
Operating junction tem perature range
TJ
Storage tem perature range
TSTG
A
Eas ily cleaned with Free, Alcohol, Isopropanol
and s im ilar s olvents
70
PLASTIC SILICON RECTIFIER
VOLTAGE RANGE: 50 --- 1200 V
CURRENT: 3.0 A
DO - 27
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
1N4139---1N4146
A
300.0
IR
IFSM
IF(AV)
1N
4140
100
3.0
Note: 1.Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
2.Thermal resistance f rom junction to ambient.
100.0
A
- 55 ---- + 150
- 55 ---- + 150
1.0
35
10.0
20
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0260008
1.


유사한 부품 번호 - 1N4145

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1N4145 ETC1-1N4145 Datasheet
48Kb / 1P
   SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
1N4145 LUGUANG-1N4145 Datasheet
159Kb / 2P
   Plastic Silicon Rectifiers
logo
Diode Semiconductor Kor...
1N4145 DSK-1N4145 Datasheet
277Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
1N4145 LUGUANG-1N4145 Datasheet
681Kb / 2P
   Plastic Silicon Rectifiers
More results

유사한 설명 - 1N4145

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com