전자부품 데이터시트 검색엔진 |
|
AD7995YRJZ-1RL 데이터시트(PDF) 10 Page - Analog Devices |
|
AD7995YRJZ-1RL 데이터시트(HTML) 10 Page - Analog Devices |
10 / 28 page AD7991/AD7995/AD7999 Rev. 0 | Page 10 of 28 Limit at tMIN, tMAX Parameter Conditions Min Typ Max Unit Description t10 Standard mode 300 ns tFDA, fall time of the SDA signal Fast mode 20 + 0.1 CB 300 ns High speed mode CB = 100 pF maximum 10 80 ns CB = 400 pF maximum 20 160 ns t11 Standard mode 1000 ns tRCL, rise time of the SCL signal Fast mode 20 + 0.1 CB 300 ns High speed mode CB = 100 pF maximum 10 40 ns CB = 400 pF maximum 20 80 ns t11A Standard mode 1000 ns tRCL1, rise time of the SCL signal after a repeated start condition and after an acknowledge bit Fast mode 20 + 0.1 CB 300 ns High speed mode CB = 100 pF maximum 10 80 ns CB = 400 pF maximum 20 160 ns t12 Standard mode 300 ns tFCL, fall time of the SCL signal Fast mode 20 + 0.1 CB 300 ns High speed mode CB = 100 pF maximum 10 40 ns CB = 400 pF maximum 20 80 ns tSP1 Fast mode 0 50 ns Pulse width of the suppressed spike High speed mode 0 10 ns tPOWER-UP 0.6 μs Power-up and acquisition time 1 Functionality is tested during production. 2 A device must provide a data hold time for SDA in order to bridge the undefined region of the SCL falling edge. 3 For 3 V supplies, the maximum hold time with CB = 100 pF maximum is 100 ns maximum. t6 t7 t2 t11 t4 t1 t12 t10 t5 t9 t6 t3 t8 SCL S SDA S = START CONDITION P = STOP CONDITION P P S Figure 2. 2-Wire Serial Interface Timing Diagram |
유사한 부품 번호 - AD7995YRJZ-1RL |
|
유사한 설명 - AD7995YRJZ-1RL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |