전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP05SC-1 데이터시트(PDF) 5 Page - SpectraLinear Inc

부품명 SL23EP05SC-1
상세설명  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP05SC-1 데이터시트(HTML) 5 Page - SpectraLinear Inc

  SL23EP05SC-1 Datasheet HTML 1Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 2Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 3Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 4Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 5Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 6Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 7Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 8Page - SpectraLinear Inc SL23EP05SC-1 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev 1.0, May 21, 2007
Page 5 of 11
SL23EP05
DC Electrical Specifications (VDD=3.3V): Unless otherwise stated for both C and I Grades
Symbol Description
Condition
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
VDD+0.3
V
IIL
Input Leakage Current
0 < VIN < 0.8V
±10
µA
IIH
Input HIGH Current
100
µA
VIN = VDD
IOL = 8 mA (standard drive)
0.4
V
VOL
Output LOW Voltage
IOL = 12 mA (high drive)
0.4
V
IOH = –8 mA (standard drive)
2.4
V
VOH
Output HIGH Voltage
2.4
V
IOH = –12 mA (high drive)
CLKIN = 0 MHz (Commercial)
10
µA
IDDPD
Power Down Supply Current
CLKIN = 0 MHz (Industrial)
25
µA
IDD
Power Supply Current
16
mA
All Outputs CL=0, 66-MHz CLKIN
DC Electrical Specifications (VDD=2.5V): Unless otherwise stated for both C and I Grades
Symbol Description
Condition
Min
Max
Unit
VDD
Supply Voltage
2.3
2.7
V
VIL
Input LOW Voltage
0.7
V
VIH
Input HIGH Voltage
1.7
VDD+ 0.3
V
IIL
Input Leakage Current
0<VIN < 0.8V
+/-10
µA
IIH
Input HIGH Current
100
µA
VIN = VDD
IOL = 8 mA (Standard drive)
0.5
V
VOL
Output LOW Voltage
0.5
V
IOL = 12 mA (High drive)
IOH = –8 mA (Standard drive)
VDD – 0.6
–V
VOH
Output HIGH Voltage
VDD – 0.6
V
IOH = –12 mA (High drive)
CLKIN = 0 MHz (Commercial)
10
µA
IDDPD
Power Down Supply Current
CLKIN = 0 MHz (Industrial)
25
µA
IDD
Power Supply Current
All Outputs CL=0, 66-MHz CLKIN
14
mA


유사한 부품 번호 - SL23EP05SC-1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP05SC-1 SILABS-SL23EP05SC-1 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP05SC-1H SILABS-SL23EP05SC-1H Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP05SC-1HT SILABS-SL23EP05SC-1HT Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP05SC-1T SILABS-SL23EP05SC-1T Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
More results

유사한 설명 - SL23EP05SC-1

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com