전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP04NZZC-1ZT 데이터시트(PDF) 10 Page - SpectraLinear Inc

부품명 SL23EP04NZZC-1ZT
상세설명  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04NZZC-1ZT 데이터시트(HTML) 10 Page - SpectraLinear Inc

Back Button SL23EP04NZZC-1ZT Datasheet HTML 4Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 5Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 6Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 7Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 8Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 9Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 10Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 11Page - SpectraLinear Inc SL23EP04NZZC-1ZT Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev 1.1, April 16, 2007
Page 10 of 12
SL23EP04NZ
External Components & Design Considerations
Typical Application Schematic
Comments and Recommendations
Decoupling Capacitor: A decoupling capacitor of 0.1 F must be used between VDD and VSS pins. Place the
capacitor on the component side of the PCB as close to the VDD pin as possible. The PCB trace to the VDD pin and
to the GND via should be kept as short as possible. Do not use vias between the decoupling capacitor and the VDD
pin.
Series Termination Resistor: A series termination resistor is recommended if the distance between the output
clocks and the load is over 1 ½ inch. Place the series termination resistors as close to the clock outputs as possible.


유사한 부품 번호 - SL23EP04NZZC-1ZT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP04NZZC-1ZT SILABS-SL23EP04NZZC-1ZT Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

유사한 설명 - SL23EP04NZZC-1ZT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com