전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP05SC-1T 데이터시트(PDF) 7 Page - SpectraLinear Inc

부품명 SL23EP05SC-1T
상세설명  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP05SC-1T 데이터시트(HTML) 7 Page - SpectraLinear Inc

Back Button SL23EP05SC-1T Datasheet HTML 3Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 4Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 5Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 6Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 7Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 8Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 9Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 10Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 11Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Rev 1.0, May 21, 2007
Page 7 of 11
SL23EP05
AC Electrical Specifications (VDD=3.3V and 2.5V) (cont.)
Symbol
Description
Condition
Min
Typ
Max
Unit
tPLLOCK
PLL Lock Time[9]
From 90% of VDD to valid clocks presented on
all output clock pins
––
1.0
ms
3.3V supply, >66 MHz, <15 pF
–20
50
ps
3.3V supply, >66 MHz, <30 pF, standard drive
40
100
ps
3.3V supply, >66 MHz, <30 pF, high drive
40
100
ps
2.5V supply, >66 MHz, <15 pF, standard drive
35
90
ps
2.5V supply, >66 MHz, <15 pF, high drive
30
60
ps
CCJ
[2,3]
Cycle-to-cycle Jitter
2.5V supply, >66 MHz, <30 pF, high drive
50
125
ps
3.3V supply, 66–100 MHz, <15 pF
18
50
ps
3.3V supply, >100 MHz, <15 pF
15
35
ps
3.3V supply, >66 MHz, <30 pF, standard drive
30
75
ps
3.3V supply, >66 MHz, <30 pF, high drive
25
60
ps
2.5V supply, >66 MHz, <15 pF, standard drive
25
60
ps
2.5V supply, 66–100 MHz, <15 pF, high drive
20
60
ps
PPJ
[2,3]
Peak Period Jitter
2.5V supply, >100 MHz, <15 pF, high drive
20
–45
ps
Notes:
3. Typical jitter is measured at 3.3V or 2.5V, 30 C with all outputs driven into the maximum specified load.


유사한 부품 번호 - SL23EP05SC-1T

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP05SC-1T SILABS-SL23EP05SC-1T Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
More results

유사한 설명 - SL23EP05SC-1T

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com